Electronic Components Datasheet Search
  English  ▼

X  

78098 Datasheet(PDF) 86 Page - NEC

Part # 78098
Description  Common to 78K/0 Series
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

78098 Datasheet(HTML) 86 Page - NEC

Back Button 78098 Datasheet HTML 82Page - NEC 78098 Datasheet HTML 83Page - NEC 78098 Datasheet HTML 84Page - NEC 78098 Datasheet HTML 85Page - NEC 78098 Datasheet HTML 86Page - NEC 78098 Datasheet HTML 87Page - NEC 78098 Datasheet HTML 88Page - NEC 78098 Datasheet HTML 89Page - NEC 78098 Datasheet HTML 90Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 129 page
background image
86
CHAPTER 5 EXPLANATION OF INSTRUCTIONS
User's Manual U12326EJ4V0UM
Move Single Bit
MOV1
1 Bit Data Transfer
[Instruction format]
MOV1 dst, src
[Operation]
dst
← src
[Operand]
Mnemonic
Operand(dst,src)
Mnemonic
Operand(dst,src)
MOV1
CY, saddr.bit
MOV1
saddr.bit, CY
CY, sfr.bit
sfr.bit, CY
CY, A.bit
A.bit, CY
CY, PSW.bit
PSW.bit, CY
CY, [HL].bit
[HL].bit, CY
[Flag]
dst = CY
PSW.bit
In all other cases
Z
AC
CY
Z
AC
CY
Z
AC
CY
××
×
[Description]
•
Bit data of the source operand (src) specified by the 2nd operand is transferred to the destination operand
(dst) specified by the 1st operand.
•
When the destination operand (dst) is CY or PSW.bit, only the corresponding flag is changed.
[Description example]
MOV1 P3.4, CY; The CY flag contents are transferred to bit 4 of port 3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com