Electronic Components Datasheet Search
  English  ▼

X  

LTC2436-1IGN Datasheet(PDF) 19 Page - Linear Technology

Part # LTC2436-1IGN
Description  2-Channel Differential Input 16-Bit No Latency DS ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2436-1IGN Datasheet(HTML) 19 Page - Linear Technology

Back Button LTC2436-1IGN Datasheet HTML 15Page - Linear Technology LTC2436-1IGN Datasheet HTML 16Page - Linear Technology LTC2436-1IGN Datasheet HTML 17Page - Linear Technology LTC2436-1IGN Datasheet HTML 18Page - Linear Technology LTC2436-1IGN Datasheet HTML 19Page - Linear Technology LTC2436-1IGN Datasheet HTML 20Page - Linear Technology LTC2436-1IGN Datasheet HTML 21Page - Linear Technology LTC2436-1IGN Datasheet HTML 22Page - Linear Technology LTC2436-1IGN Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
LTC2436-1
19
24361f
During the conversion period, the undershoot and/or
overshoot of a fast digital signal connected to the
LTC2436-1 pins may severely disturb the analog to digital
conversion process. Undershoot and overshoot can oc-
cur because of the impedance mismatch at the converter
pin when the transition time of an external control signal
is less than twice the propagation delay from the driver to
LTC2436-1. For reference, on a regular FR-4 board, signal
propagation velocity is approximately 183ps/inch for
internal traces and 170ps/inch for surface traces. Thus, a
driver generating a control signal with a minimum transi-
tion time of 1ns must be connected to the converter pin
through a trace shorter than 2.5 inches. This problem
becomes particularly difficult when shared control lines
are used and multiple reflections may occur. The solution
is to carefully terminate all transmission lines close to
their characteristic impedance.
Parallel termination near the LTC2436-1 pin will eliminate
this problem but will increase the driver power dissipation.
A series resistor between 27
Ω and 56Ω placed near the
driver will also eliminate this problem without additional
power dissipation. The actual resistor value depends upon
the trace impedance and connection topology.
An alternate solution is to reduce the edge rate of the
control signals. It should be noted that using very slow
edges will increase the converter power supply current
during the transition time. The multiple ground pins used
in this package configuration, as well as the differential
input and reference architecture, reduce substantially the
converter’s sensitivity to ground currents.
Particular attention must be given to the connection of the
FO signal when the LTC2436-1 is used with an external
conversion clock. This clock is active during the conver-
sion time and the normal mode rejection provided by the
internal digital filter is not very high at this frequency. A
normal mode signal of this frequency at the converter
reference terminals may result into DC gain and INL
errors. A normal mode signal of this frequency at the
converter input terminals may result into a DC offset error.
Such perturbations may occur due to asymmetric capaci-
tive coupling between the FO signal trace and the converter
input and/or reference connection traces. An immediate
solution is to maintain maximum possible separation
between the FO signal trace and the input/reference sig-
nals. When the FO signal is parallel terminated near the
converter, substantial AC current is flowing in the loop
formed by the FO connection trace, the termination and the
ground return path. Thus, perturbation signals may be
inductively coupled into the converter input and/or refer-
ence. In this situation, the user must reduce to a minimum
the loop area for the FO signal as well as the loop area for
the differential input and reference connections.
Driving the Input and Reference
The input and reference pins of the LTC2436-1 converter
are directly connected to a network of sampling capaci-
tors. Depending upon the relation between the differential
input voltage and the differential reference voltage, these
capacitors are switching between these four pins
transfering small amounts of charge in the process. A
simplified equivalent circuit is shown in Figure 12, where
IN+ and IN– refer to the selected differential channel and
the unselected channel is omitted for simplicity.
For a simple approximation, the source impedance RS
driving an analog input pin (IN+, IN–, REF+ or REF–) can be
considered to form, together with RSW and CEQ (see
Figure 12), a first order passive network with a time
constant
τ = (RS + RSW) • CEQ. The converter is able to
sample the input signal with better than 1LSB accuracy if
the sampling period is at least 11 times greater than the
input circuit time constant
τ. The sampling process on the
four input analog pins is quasi-independent so each time
constant should be considered by itself and, under worst-
case circumstances, the errors may add.
When using the internal oscillator (FO = LOW), the
LTC2436-1’s front-end switched-capacitor network is
clocked at 69900Hz corresponding to a 14.3
µs sampling
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com