Electronic Components Datasheet Search
  English  ▼

X  

LTC2436-1IGN Datasheet(PDF) 28 Page - Linear Technology

Part # LTC2436-1IGN
Description  2-Channel Differential Input 16-Bit No Latency DS ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2436-1IGN Datasheet(HTML) 28 Page - Linear Technology

Back Button LTC2436-1IGN Datasheet HTML 20Page - Linear Technology LTC2436-1IGN Datasheet HTML 21Page - Linear Technology LTC2436-1IGN Datasheet HTML 22Page - Linear Technology LTC2436-1IGN Datasheet HTML 23Page - Linear Technology LTC2436-1IGN Datasheet HTML 24Page - Linear Technology LTC2436-1IGN Datasheet HTML 25Page - Linear Technology LTC2436-1IGN Datasheet HTML 26Page - Linear Technology LTC2436-1IGN Datasheet HTML 27Page - Linear Technology LTC2436-1IGN Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 28 / 28 page
background image
LTC2436-1
28
24361f
PART NUMBER
DESCRIPTION
COMMENTS
LT1019
Precision Bandgap Reference, 2.5V, 5V
3ppm/
°C Drift, 0.05% Max
LTC1043
Dual Precision Instrumentation Switched Capacitor
Precise Charge, Balanced Switching, Low Power
Building Block
LTC1050
Precision Chopper Stabilized Op Amp
No External Components 5
µV Offset, 1.6µVP-P Noise
LT1236A-5
Precision Bandgap Reference, 5V
0.05% Max, 5ppm/
°C Drift
LT1461
Micropower Precision LDO Reference
High Accuracy 0.04% Max, 3ppm/
°C Max Drift
LTC2400
24-Bit, No Latency
∆Σ ADC in SO-8
0.3ppm Noise, 4ppm INL, 10ppm Total Unadjusted Error, 200
µA
LTC2401/LTC2402
1-/2-Channel, 24-Bit, No Latency
∆Σ ADC in MSOP
0.6ppm Noise, 4ppm INL, 10ppm Total Unadjusted Error, 200
µA
LTC2404/LTC2408
4-/8-Channel, 24-Bit, No Latency
∆Σ ADC
0.3ppm Noise, 4ppm INL, 10ppm Total Unadjusted Error, 200
µA
LTC2410
24-Bit, Fully Differential, No Latency
∆Σ ADC
0.16ppm Noise, 2ppm INL, 3ppm Total Unadjusted Error, 200
µA
LTC2411
24-Bit, No Latency
∆Σ ADC in MSOP
1.45
µVRMS Noise, 2ppm INL
LTC2411-1
24-Bit, Simultaneous 50Hz/60Hz Rejection
∆Σ ADC
0.3ppm Noise, 2ppm INL, Pin Compatible with LTC2411
LTC2412
2-Channel, 24-Bit, Pin Compatible with LTC2436-1
800nV Noise, 2ppm INL, 3ppm TUE, 200
µA
LTC2413
24-Bit, No Latency
∆Σ ADC
Simultaneous 50Hz/60Hz Rejection, 800nVRMS Noise
LTC2414/LTC2418
8-/16-Channel, 24-Bit No Latency
∆Σ ADC
0.2ppm Noise, 2ppm INL, 3ppm Total Unadjusted Error, 200
µA
LTC2415
24-Bit, No Latency
∆Σ ADC with 15Hz Output Rate
Pin Compatible with the LTC2410
LTC2420
20-Bit, No Latency
∆Σ ADC in SO-8
1.2ppm Noise, 8ppm INL, Pin Compatible with LTC2400
LTC2424/LTC2428
4-/8-Channel, 20-Bit, No Latency
∆Σ ADCs
1.2ppm Noise, 8ppm INL, Pin Compatible with LTC2404/LTC2408
LTC2440
High Speed, Low Noise 24-Bit ADC
4kHz Output Rate, 200nV Noise, 24.6 ENOBs
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 q FAX: (408) 434-0507 q www.linear.com
©LINEAR TECHNOLOGY CORPORATION 2003
LT/TP 0103 2K • PRINTED IN USA
RELATED PARTS
Figure 30. Increased Resolution Bridge/Temperature Measurement
TYPICAL APPLICATIO
VCC
REF+
FO
CH0+
CH0–
SCK
CH1+
SDO
GND
CS
114
4.7
µF
4
13
5
THERMOCOUPLE
HONEYWELL
FSL05N2C
500 GRAM
FORCE SENSOR
6
CH1–
7
12
8, 9, 10, 15, 16
11
24361 F30
2
REF–
3
5V
5V
LTC2436-1
0.1
µF
REF+
5V
VREF = 294mV
±147mV INPUT RANGE
4.5
µV LSB
VREF = 95.04mV
±49mV INPUT RANGE
1.5
µV LSB
PANASONIC EXB-2HV202G
VISHAY MPM1001/5002B
8
× 2k
ARRAY
REF –
REF +
REF –
5V
50k
1k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com