Electronic Components Datasheet Search
  English  ▼

X  

LTC2436-1IGN Datasheet(PDF) 20 Page - Linear Technology

Part # LTC2436-1IGN
Description  2-Channel Differential Input 16-Bit No Latency DS ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2436-1IGN Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC2436-1IGN Datasheet HTML 16Page - Linear Technology LTC2436-1IGN Datasheet HTML 17Page - Linear Technology LTC2436-1IGN Datasheet HTML 18Page - Linear Technology LTC2436-1IGN Datasheet HTML 19Page - Linear Technology LTC2436-1IGN Datasheet HTML 20Page - Linear Technology LTC2436-1IGN Datasheet HTML 21Page - Linear Technology LTC2436-1IGN Datasheet HTML 22Page - Linear Technology LTC2436-1IGN Datasheet HTML 23Page - Linear Technology LTC2436-1IGN Datasheet HTML 24Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
LTC2436-1
20
24361f
period. Thus, for settling errors of less than 1LSB, the
driving source impedance should be chosen such that
τ ≤
14.3
µs/11 = 1.3µs. When an external oscillator of fre-
quency fEOSC is used, the sampling period is 2/fEOSC and,
for a settling error of less than 1LSB,
τ ≤ 0.18/fEOSC.
Input Current
If complete settling occurs on the input, conversion re-
sults will be unaffected by the dynamic input current. An
incomplete settling of the input signal sampling process
may result in gain and offset errors, but it will not degrade
the INL performance of the converter. Figure 12 shows the
mathematical expressions for the average bias currents
flowing through the IN+ and IN– pins as a result of the
sampling charge transfers when integrated over a sub-
stantial time period (longer than 64 internal clock cycles).
The effect of this input dynamic current can be analyzed
using the test circuit of Figure 13. The CPAR capacitor
includes the LTC2436-1 pin capacitance (5pF typical) plus
the capacitance of the test fixture used to obtain the results
shown in Figures 14 and 15. A careful implementation can
bring the total input capacitance (CIN + CPAR) closer to 5pF
thus achieving better performance than the one predicted
Figure 13. An RC Network at IN+ and IN–
Figure 14. +FS Error vs RSOURCE at IN
+ or IN– (Small CIN)
APPLICATIO S I FOR ATIO
CIN
24361 F13
VINCM + 0.5VIN
RSOURCE
IN+
LTC2436-1
CPAR
≅20pF
CIN
VINCM – 0.5VIN
RSOURCE
IN –
CPAR
≅20pF
RSOURCE (Ω)
1
10
100
1k
10k
100k
24361 F14
3
0
1
2
VCC = 5V
REF+ = 5V
REF – = GND
IN+ = 5V
IN– = 2.5V
FO = GND
TA = 25°C
CIN = 0.01µF
CIN = 0.001µF
CIN = 100pF
CIN = 0pF
Figure 12. LTC2436-1 Equivalent Analog Input Circuit
VREF+
VIN+
VCC
RSW (TYP)
20k
ILEAK
ILEAK
VCC
ILEAK
ILEAK
VCC
RSW (TYP)
20k
CEQ
18pF
(TYP)
RSW (TYP)
20k
ILEAK
IIN+
VIN–
IIN–
IREF+
IREF–
24361 F12
ILEAK
VCC
ILEAK
ILEAK
SWITCHING FREQUENCY
fSW = 69.900Hz INTERNAL OSCILLATOR (FO = LOW OR HIGH)
fSW = 0.5 • fEOSC EXTERNAL OSCILLATOR
VREF–
RSW (TYP)
20k
IIN
VV
V
R
IIN
VV
V
R
I REF
VV
V
R
V
VR
I REF
VV
V
R
V
VR
where
AVG
IN
INCM
REFCM
EQ
AVG
IN
INCM
REFCM
EQ
AVG
REF
INCM
REFCM
EQ
IN
REF
EQ
AVG
REF
INCM
REFCM
EQ
IN
REF
EQ
+
−
+
−
() = +−
•
() = −+
−
•
() = •−
+
•
−
•
() = −• −
+
•
+
•
05
05
15
05
15
05
2
2
.
.
.
.
.
.
::
./
./
V
REF
REF
V
REF
REF
VIN
IN
V
IN
IN
R
M
INTERNAL OSCILLATOR
Hz
Hz Notch F
LOW
R
f
EXTERNAL OSCILLATOR
REF
REFCM
IN
INCM
EQ
O
EQ
EOSC
=−
=
+


=−
=
−


==
()
=•
()
+−
+−
+−
+−
2
2
397
50
60
0 555 1012
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com