Electronic Components Datasheet Search
  English  ▼

X  

PAM2322AGEAR Datasheet(PDF) 4 Page - Diodes Incorporated

Part # PAM2322AGEAR
Description  Dual High-Efficiency PWM Step-Down DC-DC Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM2322AGEAR Datasheet(HTML) 4 Page - Diodes Incorporated

  PAM2322AGEAR Datasheet HTML 1Page - Diodes Incorporated PAM2322AGEAR Datasheet HTML 2Page - Diodes Incorporated PAM2322AGEAR Datasheet HTML 3Page - Diodes Incorporated PAM2322AGEAR Datasheet HTML 4Page - Diodes Incorporated PAM2322AGEAR Datasheet HTML 5Page - Diodes Incorporated PAM2322AGEAR Datasheet HTML 6Page - Diodes Incorporated PAM2322AGEAR Datasheet HTML 7Page - Diodes Incorporated PAM2322AGEAR Datasheet HTML 8Page - Diodes Incorporated PAM2322AGEAR Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
PAM2322AGEAR
Document Number: DS36234 Rev. 2 - 2
4 of 13
www.diodes.com
September 2014
© Diodes Incorporated
PAM2322AGEAR
A Product Line of
Diodes Incorporated
Absolute Maximum Ratings (@TA = +25°C, unless otherwise specified.) (Note 4)
Parameter
Rating
Unit
Input Voltage
-0.3 to +6.0
V
EN1, EN2, FB2
-0.3 to VIN
V
SW1 and SW2
-0.3 to (VIN +0.3)
V
Junction Temperature
150
°C
Storage Temperature Range
-65 to +150
°C
Soldering Temperature
260,10sec
°C
ESD Susceptibility (Note 5)
Human Body Model (HBM)
1.5
kV
Machine Model (MM)
150
V
Notes:
4. Stresses greater than the 'Absolute Maximum Ratings' specified above may cause permanent damage to the device. These are stress ratings only;
functional operation of the device at these or any other conditions exceeding those indicated in this specification is not implied. Device reliability may
be affected by exposure to absolute maximum rating conditions for extended periods of time.
5. Semiconductor devices are ESD sensitive and may be damaged by exposure to ESD events. Suitable ESD precautions should be taken when
handling and transporting these devices.
Recommended Operating Conditions (@TA = +25°C, unless otherwise specified.)
Parameter
Rating
Unit
Supply Voltage
2.7 to 5.5
V
Ambient Temperature Range
-40 to +85
°C
Junction Temperature Range
-40 to +125
Thermal Information
Parameter
Package
Symbol
Maximum
Unit
Thermal Resistance (Junction to Case)
W-FLGA2520-17
JC
16
°C/W
Thermal Resistance (Junction to Ambient)
W-FLGA2520-17
JA
80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com