Electronic Components Datasheet Search
  English  ▼

X  

PAM2322AGEAR Datasheet(PDF) 8 Page - Diodes Incorporated

Part # PAM2322AGEAR
Description  Dual High-Efficiency PWM Step-Down DC-DC Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM2322AGEAR Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button PAM2322AGEAR Datasheet HTML 4Page - Diodes Incorporated PAM2322AGEAR Datasheet HTML 5Page - Diodes Incorporated PAM2322AGEAR Datasheet HTML 6Page - Diodes Incorporated PAM2322AGEAR Datasheet HTML 7Page - Diodes Incorporated PAM2322AGEAR Datasheet HTML 8Page - Diodes Incorporated PAM2322AGEAR Datasheet HTML 9Page - Diodes Incorporated PAM2322AGEAR Datasheet HTML 10Page - Diodes Incorporated PAM2322AGEAR Datasheet HTML 11Page - Diodes Incorporated PAM2322AGEAR Datasheet HTML 12Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
PAM2322AGEAR
Document Number: DS36234 Rev. 2 - 2
8 of 13
www.diodes.com
September 2014
© Diodes Incorporated
PAM2322AGEAR
A Product Line of
Diodes Incorporated
Application Information (cont.)
Hiccup Mode Short Circuit Control
When the converter output1 or output2 is shorted, or the device is overloaded during high-side MOSFET current-limit triggering, it will turn off the
high-side MOSFET and turn on the low-side MOSFET. An internal counter is used to count the number of the current-limit triggering. The counter
is reset when consecutive high-side MOSFET turn on without reaching current limit. If the current-limit condition persists, the counter fills up. The
control logic then stops both high side and low side MOSFETs and waits for a hiccup period, before attempting a new soft-start sequence. The
counter bit is decided by VFB voltage. If VFB≤0.2V, it is 3-bit counter; If VFB >0.2V it is 6-bit counter. The typical hiccup mode duty cycle is 1.7%.
The hiccup mode is disabled during soft-start time.
Over Temperature Protection
The internal thermal temperature protection circuitry is provided to protect the integrated circuit in the event that the maximum junction
temperature is exceeded. When the junction temperature exceeds +150
°C, it shuts down the internal control circuit and switching power MOSFET.
The PAM2322AGEAR will restart automatically under the control of soft-start circuit when the junction temperature decreases to +120
°C.
Power Good Flag
PG1 pin is power good indicator. The output of this pin is an open drain with internal pull up resistor to VIN. PG is pulled up to VIN when the
output1 voltage (1.8V) is within 10% of the regulation level, otherwise it is low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com