Electronic Components Datasheet Search
  English  ▼

X  

PAM2322AGEAR Datasheet(PDF) 1 Page - Diodes Incorporated

Part # PAM2322AGEAR
Description  Dual High-Efficiency PWM Step-Down DC-DC Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM2322AGEAR Datasheet(HTML) 1 Page - Diodes Incorporated

  PAM2322AGEAR Datasheet HTML 1Page - Diodes Incorporated PAM2322AGEAR Datasheet HTML 2Page - Diodes Incorporated PAM2322AGEAR Datasheet HTML 3Page - Diodes Incorporated PAM2322AGEAR Datasheet HTML 4Page - Diodes Incorporated PAM2322AGEAR Datasheet HTML 5Page - Diodes Incorporated PAM2322AGEAR Datasheet HTML 6Page - Diodes Incorporated PAM2322AGEAR Datasheet HTML 7Page - Diodes Incorporated PAM2322AGEAR Datasheet HTML 8Page - Diodes Incorporated PAM2322AGEAR Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
PAM2322AGEAR
Document Number: DS36234 Rev. 2 - 2
1 of 13
www.diodes.com
September 2014
© Diodes Incorporated
PAM2322AGEAR
A Product Line of
Diodes Incorporated
Dual High-Efficiency PWM Step-Down DC-DC Converter
Description
The PAM2322AGEAR is a dual step-down current-mode, DC-DC
converter. At heavy load, the constant-frequency PWM control
performs with excellent stability and transient response. To ensure
the longest battery life in portable applications, the PAM2322AGEAR
provides a power-saving Pulse-Skipping Modulation (PSM) mode to
reduce quiescent current under light load operation
The PAM2322AGEAR supports a range of input voltages from 2.7V to
5.5V, allowing the use of a single Li+/Li-polymer cell, multiple
Alkaline/NiMH cell, USB, and other standard power sources. Output 1
is a 1.8V fixed output. Output 2 is adjustable from 0.9V to VIN. Both
outputs employ an internal power switch and synchronous rectifier to
minimize external part count and realize high efficiency.
Output 1 delivers up to 1000mA output current while output 2 delivers
up to 2000mA. Each regulator has an independent enable pin.
Each output of the PAM2322AGEAR can be disabled when a logic
low is applied to the channel enable pin. During shutdown, the input is
disconnected from the output and the shutdown current is less than
0.1μA
Other key features include under-voltage lockout, soft-start, hiccup
mode short circuit protection and thermal shutdown.
Features
Supply Voltage:2.7V to 5.5V
Output Current:
OUT1: 1000mA/Buck, 1.8V Fixed Output
OUT2: 2000mA/Buck
Switching Frequency:1.2MHz
Internal Synchronous Rectifier
Fast Transient Response
Fast Turn On and Turn Off
Internal Soft Start
Internal Compensation
100% Duty Cycle Operation
Power Good Indicator for OUT1
Under-Voltage Lockout
Hiccup Mode Short Circuit Protection
Thermal Shutdown
Small W-FLGA2520-17 Package
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Pin Assignments
W-FLGA2520-17
Applications
Portable Electronics
Personal Information Appliances
Wireless and DSL Modems
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.


Similar Part No. - PAM2322AGEAR

ManufacturerPart #DatasheetDescription
logo
Power Analog Micoelectr...
PAM2320 PAM-PAM2320 Datasheet
249Kb / 11P
3A Low Noise Step-Down DC-DC Converter
logo
Diodes Incorporated
PAM2320 DIODES-PAM2320 Datasheet
369Kb / 12P
3A LOW NOISE STEP-DOWN DC-DC CONVERTER
Rev 1
logo
Power Analog Micoelectr...
PAM2320BECADJR PAM-PAM2320BECADJR Datasheet
249Kb / 11P
3A Low Noise Step-Down DC-DC Converter
logo
Diodes Incorporated
PAM2320BECADJR DIODES-PAM2320BECADJR Datasheet
369Kb / 12P
3A LOW NOISE STEP-DOWN DC-DC CONVERTER
Rev 1
logo
Power Analog Micoelectr...
PAM2321 PAM-PAM2321 Datasheet
525Kb / 11P
3MHz,Fast Transient 2A Step-Down Converter
More results

Similar Description - PAM2322AGEAR

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8020 RICHTEK-RT8020 Datasheet
218Kb / 14P
Dual High-Efficiency PWM Step-Down DC-DC Converter
RT9201 RICHTEK-RT9201 Datasheet
194Kb / 13P
High Efficiency PWM Step-Down DC-DC Converter
RT8020 RICHTEK-RT8020_12 Datasheet
394Kb / 15P
Dual High-Efficiency PWM Step-Down DC/DC Converter
RT8020E RICHTEK-RT8020E Datasheet
276Kb / 14P
Dual High-Efficiency PWM Step-Down DC/DC Converter
logo
Diodes Incorporated
PAM2306 DIODES-PAM2306 Datasheet
570Kb / 15P
DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
Rev 1
PAM2306D DIODES-PAM2306D Datasheet
358Kb / 12P
DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
Rev 2
PAM2308 DIODES-PAM2308 Datasheet
552Kb / 15P
DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
Rev 1
PAM2319 DIODES-PAM2319 Datasheet
355Kb / 12P
DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
Rev 1
logo
Shenzhen Huazhimei Semi...
HM5202 HMSEMI-HM5202 Datasheet
660Kb / 8P
Dual High-Efficiency PWM Step-Down DC/DC Converter
logo
Diodes Incorporated
PAM2306 DIODES-PAM2306_V01 Datasheet
861Kb / 15P
DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
Rev. 3 - 2 May 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com