Electronic Components Datasheet Search
  English  ▼

X  

PAM2322AGEAR Datasheet(PDF) 9 Page - Diodes Incorporated

Part # PAM2322AGEAR
Description  Dual High-Efficiency PWM Step-Down DC-DC Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM2322AGEAR Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button PAM2322AGEAR Datasheet HTML 5Page - Diodes Incorporated PAM2322AGEAR Datasheet HTML 6Page - Diodes Incorporated PAM2322AGEAR Datasheet HTML 7Page - Diodes Incorporated PAM2322AGEAR Datasheet HTML 8Page - Diodes Incorporated PAM2322AGEAR Datasheet HTML 9Page - Diodes Incorporated PAM2322AGEAR Datasheet HTML 10Page - Diodes Incorporated PAM2322AGEAR Datasheet HTML 11Page - Diodes Incorporated PAM2322AGEAR Datasheet HTML 12Page - Diodes Incorporated PAM2322AGEAR Datasheet HTML 13Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
PAM2322AGEAR
Document Number: DS36234 Rev. 2 - 2
9 of 13
www.diodes.com
September 2014
© Diodes Incorporated
PAM2322AGEAR
A Product Line of
Diodes Incorporated
Typical Performance Characteristics (TA= +25°C, VIN=3.3V, OUT1=1.8V, L=1.5µH, OUT2=1.2V,L=1.0µH, unless otherwise noted.)
OUT1 Efficiency vs. Output Current
OUT2 Efficiency vs. Output Current
1
10
100
1000
0
10
20
30
40
50
60
70
80
90
100
Output Current (mA)
Vin=3.3V
Vin=4.2V
(Vin=5V)
Vout1=1.8V
10
100
1000
0
10
20
30
40
50
60
70
80
90
100
Output Current (mA)
Vin=3.3V
Vin=4.2V
Vin=5V
Vout2=1.2V
OUT1 Output Voltage vs. Output Current
OUT2 Output Voltage vs. Output Current
0
100
200
300
400
500
600
700
800
900
1000
1.790
1.792
1.794
1.796
1.798
1.800
1.802
1.804
1.806
1.808
1.810
1.812
1.814
1.816
Output Current (mA)
Vin=3.3V
Vin=4.2V
Vin=5V
Vout1=1.8V
0
200
400
600
800
1000
1200
1400
1600
1800
2000
1.180
1.182
1.184
1.186
1.188
1.190
1.192
1.194
1.196
1.198
1.200
1.202
1.204
1.206
1.208
1.210
Output Current (mA)
Vin=3.3V
Vin=4.2V
Vin=5V
Vout2=1.2V
OUT1 Line Regulation vs. Input Voltage
OUT2 Line Regulation vs. Input Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com