Electronic Components Datasheet Search
  English  ▼

X  

MSM5265 Datasheet(PDF) 4 Page - OKI electronic componets

Part # MSM5265
Description  80-DOT LCD DRIVER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM5265 Datasheet(HTML) 4 Page - OKI electronic componets

  MSM5265 Datasheet HTML 1Page - OKI electronic componets MSM5265 Datasheet HTML 2Page - OKI electronic componets MSM5265 Datasheet HTML 3Page - OKI electronic componets MSM5265 Datasheet HTML 4Page - OKI electronic componets MSM5265 Datasheet HTML 5Page - OKI electronic componets MSM5265 Datasheet HTML 6Page - OKI electronic componets MSM5265 Datasheet HTML 7Page - OKI electronic componets MSM5265 Datasheet HTML 8Page - OKI electronic componets MSM5265 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
MSM5265
¡ Semiconductor
4/18
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED OPERATING CONDITIONS
• Oscillation circuit
R0
R1
OSC-OUT
C0
OSC-OUT
(MSM5265)
OSC-IN
Supply Voltage
VDD
–0.3 to +6.5
V
Ta = 25°C
Input Voltage
VI
GND–0.3 to VDD +0.3
V
Ta = 25°C
Storage Temperature
TSTG
–55 to +150
°C
—
Parameter
Symbol
Condition
Rating
Unit
Parameter
Min.
Oscillator Resistance
Symbol
Condition
Typ.
Max.
Unit
Corresponding pin
56
R0
—
100
220
kW
OSC-OUT
Oscillator Capacitance
0.001
C0
Film capacitor
—
0.047
mF
OSC-OUT
Current Limiting Resistance
0.56
R1
R1≥10 R0
1
2.2
MW
OSC-IN
Common Signal Frequency
25
fCOM
—
—
150
Hz
COM-A
COM-B
Supply Voltage
VDD
3 to 6
V
—
Operating Temperature
Top
–40 to +85
°C
—
LCD Driving Voltage
VLCD
3 to VDD
V
VDD–VLC2
Parameter
Symbol
Condition
Range
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com