Electronic Components Datasheet Search
  English  ▼

X  

MSM5265 Datasheet(PDF) 1 Page - OKI electronic componets

Part # MSM5265
Description  80-DOT LCD DRIVER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM5265 Datasheet(HTML) 1 Page - OKI electronic componets

  MSM5265 Datasheet HTML 1Page - OKI electronic componets MSM5265 Datasheet HTML 2Page - OKI electronic componets MSM5265 Datasheet HTML 3Page - OKI electronic componets MSM5265 Datasheet HTML 4Page - OKI electronic componets MSM5265 Datasheet HTML 5Page - OKI electronic componets MSM5265 Datasheet HTML 6Page - OKI electronic componets MSM5265 Datasheet HTML 7Page - OKI electronic componets MSM5265 Datasheet HTML 8Page - OKI electronic componets MSM5265 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
MSM5265
¡ Semiconductor
1/18
¡ Semiconductor
MSM5265
80-DOT LCD DRIVER
E2B0008-27-Y2
GENERAL DESCRIPTION
The MSM5265 is an LCD driver which can directly drive up to 80 segments in the static display
mode and up to 160 segments in the 1/2 duty dynamic display mode.
The MSM5265 is fabricated with low power CMOS metal gate technology. The MSM5265
consists of a 160-stage shift register, 160-bit data latch, 80 pairs of LCD drivers and a common
signal generator.
The display data is serially input from the DATA-IN pin to the 160-stage shift register synchronized
with the CLOCK pulse. The data is shifted into the 160-bit data latch by the LOAD signal. Then
the latched data is directly output to the LCD from the 80 pairs of LCD drivers as a serial output.
The common signal can be generated by the built-in generator, or externally input. The common
synchronization circuit which is used in the dynamic display mode is integrated on the chip.
FEATURES
• Supply voltage : 3.0 to 6.0 V
• Drives LCD of up to 80 segments (in the static display mode)
• Drives LCD of up to 160 segments (in the 1/2 duty dynamic display mode)
• Simple interface with microcomputer
• Bit-to-bit correspondence between input data and output data
H: Display ON
L: Display OFF
• Can be cascade-connected
• Built-in common signal generator
• Can be synchronized with the external common signal
• Testing pins for all-on (SEG-TEST) and all-off (BLANK)
• Applicable as an output expander
• LCD driving voltage can be adjusted by the combination of VLC1 and VLC2
• Package options:
100-pin plastic QFP (QFP100-P-1420-0.65-K)
(Product name : MSM5265GS-K)
100-pin plastic QFP (QFP100-P-1420-0.65-BK) (Product name : MSM5265GS-BK)
This version: Nov. 1997
Previous version: Mar. 1996


Similar Part No. - MSM5265

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM5260 OKI-MSM5260 Datasheet
140Kb / 12P
80-DOT COMMON/SEGMENT DRIVER
MSM5267B-15 OKI-MSM5267B-15 Datasheet
128Kb / 9P
33-BIT VFD SEGMENT DRIVER
More results

Similar Description - MSM5265

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU6416 NJRC-NJU6416 Datasheet
283Kb / 9P
DOT MATRIX LCD 80-OUT SEGMENT DRIVER?
NJU6445 NJRC-NJU6445 Datasheet
331Kb / 10P
DOT MATRIX LCD 80-OUT SEGMENT DRIVER???
logo
OKI electronic componet...
MSM5279 OKI-MSM5279 Datasheet
205Kb / 9P
DOT MATRIX LCD 80 DOT SEGMENT DRIVER
MSM5299A OKI-MSM5299A Datasheet
130Kb / 11P
80-DOT LCD SEGMENT DRIVER
MSM5299B OKI-MSM5299B Datasheet
234Kb / 11P
DOT MATRIX LCD 80 DOT SEGMENT DRIVER
MSM5299C OKI-MSM5299C Datasheet
124Kb / 11P
80-DOT LCD SEGMENT DRIVER
MSM6606 OKI-MSM6606 Datasheet
132Kb / 18P
80-DOT LCD DRIVER WITH KEY MATRIX
MSM6669 OKI-MSM6669 Datasheet
70Kb / 9P
80-DOT LCD SEGMENT DRIVER
logo
Samsung semiconductor
S6A2067 SAMSUNG-S6A2067 Datasheet
104Kb / 10P
80 SEGMENT DRIVER FOR DOT MATRIX LCD
logo
List of Unclassifed Man...
NT3883 ETC1-NT3883 Datasheet
288Kb / 12P
Dot Matrix LCD 80-Channel Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com