Electronic Components Datasheet Search
  English  ▼

X  

MSM5265 Datasheet(PDF) 8 Page - OKI electronic componets

Part # MSM5265
Description  80-DOT LCD DRIVER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM5265 Datasheet(HTML) 8 Page - OKI electronic componets

Back Button MSM5265 Datasheet HTML 4Page - OKI electronic componets MSM5265 Datasheet HTML 5Page - OKI electronic componets MSM5265 Datasheet HTML 6Page - OKI electronic componets MSM5265 Datasheet HTML 7Page - OKI electronic componets MSM5265 Datasheet HTML 8Page - OKI electronic componets MSM5265 Datasheet HTML 9Page - OKI electronic componets MSM5265 Datasheet HTML 10Page - OKI electronic componets MSM5265 Datasheet HTML 11Page - OKI electronic componets MSM5265 Datasheet HTML 12Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
MSM5265
¡ Semiconductor
8/18
• D/S
When this pin is set at high level, the MSM5265 operates in the 1/2 duty dynamic display
mode, the MSM5265 operates in the static display mode when this pin is set at low level.
• EXT/INT
When the external common signal is used, fix this pin at high level and input the external
common signal from the OSC-IN pin. The input common signal is used as the internal
common signal and is output from the COM-OUT pin through the buffer. When the built-in
common signal generator is used, fix this pin at low level. When the MSM5265 is used as an
output expander, fix this pin at high level and the OSC-IN pin at low level. The output logic
can be reveresed in respect to the input data by setting OSC-IN to "H" level.
• COM-OUT
When two or more MSM5265s are connected in series (cascade connection), this pin should
be connected with all of the slave MSM5265's OSC-IN pins.
• SYNC
This pin is an input/output pin which is used when two or more MSM5265s are connected
in series (cascade connection) in the 1/2 duty dynamic display mode. All of the involved
MSM5265's SYNC pins should be connected by the same line and they should be pulled up
with a common resistor, which makes a phase level of all involved MSM5265's COM-A and
COM-B pins equal. When a single MSM5265 is used in the dynamic display mode, SYNC
should be pulled up with a resistor.
Connect this pin to GND if any of the following conditions is true:
– the MSM5265 is operated in the static display mode
– two or more MSM5265 devices are cascade connected
– a single MSM5265 device is used
– the MSM5265 is used as an output expander
• DATA-IN, CLOCK
The display data is serially input from the DATA-IN pin to the 160-stage shift register at the
rising edge of the CLOCK pulse. The high level of the display data is used to turn the display
on, while low level of the display data is used to turn off the display.
• DATA-OUT1
The 80th stage of the shift register contents is output from this pin.
When two or more MSM5265s are connected in series (cascade connection) in the static
display mode, this pin should be connected to the next MSM5265's DATA-IN pin.
• DATA-OUT2
The 160th stage of the shift register contents is output from this pin.
When two or more MSM5265s are connected in series (cascade connection) in the 1/2 duty
dynamic display mode, this pin should be connected to the next MSM5265's DATA-IN pin.
• LOAD
The signal for latching the shift register contents is input from this pin.
When LOAD pin is set at high level, the shift register contents are shifted to the 80 sets of LCD
drivers. When this pin is set at low level, the last display data is held which was transfered
to the 80 sets of LCD drivers when LOAD pin was set at high level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com