Electronic Components Datasheet Search
  English  ▼

X  

MSM5265 Datasheet(PDF) 7 Page - OKI electronic componets

Part # MSM5265
Description  80-DOT LCD DRIVER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM5265 Datasheet(HTML) 7 Page - OKI electronic componets

Back Button MSM5265 Datasheet HTML 3Page - OKI electronic componets MSM5265 Datasheet HTML 4Page - OKI electronic componets MSM5265 Datasheet HTML 5Page - OKI electronic componets MSM5265 Datasheet HTML 6Page - OKI electronic componets MSM5265 Datasheet HTML 7Page - OKI electronic componets MSM5265 Datasheet HTML 8Page - OKI electronic componets MSM5265 Datasheet HTML 9Page - OKI electronic componets MSM5265 Datasheet HTML 10Page - OKI electronic componets MSM5265 Datasheet HTML 11Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
MSM5265
¡ Semiconductor
7/18
FUNCTIONAL DESCRIPTION
Operational Description
The MSM5265 consists of a 160-stage shift register, 160-bit data latch, and 80 pairs of LCD
drivers. The display data is input from the DATA-IN pin to the 160-stage shift register at the
rising edge of the CLOCK pulse and it is shifted to the 160-bit data latch when the LOAD
signal is set at "H" level, then it is directly output from the 80 pairs of LCD drivers to the LCD
panel. Input the display data in the order of SEG80, SEG79, SEG78, ..., SEG2, SEG1.
DATA LATCH
Output
(inside the IC)
1
23456
159
160
DATA-IN
CLOCK
LOAD
Pin Functional Description
• OSC-IN, OSC-OUT, OSC-OUT
As shown in the figure below, by connecting the external resistors R0, R1 and external
capacitor C0 with OSC-IN, OSC-OUT and OSC-OUT respectively, an oscillating circuit to
generate the common signal is formed.
This frequency is divided into either 1/8 or 1/4 by the internal dividing circuit. The 1/8
divided frequency is used in the static display mode, while the 1/4 divided frequency is used
as the common signal in the 1/2 duty dynamic display mode which is output from the COM-
OUT pin. (EXT/INT should be set at low level.)
The resistor R1 is used to limit the current on the OSC-IN pin's protecting diodes. The value
of the R1 should be more than 10 times that of R0.
When the external common signal is used, the EXT/INT pin should be set at high level and
the external common signal should be input from the OSC-IN pin.
Keep the wiring between the OSC-IN pin and R1 as short as possible, because the OSC-IN pin
becomes susceptible to external noise if the value of R1 is large.
=
R0
R1
OSC-OUT
C0
OSC-OUT
(MSM5265)
OSC-IN
fOSC
fOSC 1/2.2 C0R0
R1≥10 R0
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com