Electronic Components Datasheet Search
  English  ▼

X  

AL1771 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # AL1771
Description  PFC CONTROLLER SINGLE/DUAL DIMMABLE LINEAR LED DRIVER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL1771 Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button AL1771 Datasheet HTML 3Page - Diodes Incorporated AL1771 Datasheet HTML 4Page - Diodes Incorporated AL1771 Datasheet HTML 5Page - Diodes Incorporated AL1771 Datasheet HTML 6Page - Diodes Incorporated AL1771 Datasheet HTML 7Page - Diodes Incorporated AL1771 Datasheet HTML 8Page - Diodes Incorporated AL1771 Datasheet HTML 9Page - Diodes Incorporated AL1771 Datasheet HTML 10Page - Diodes Incorporated AL1771 Datasheet HTML 11Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
AL1771/1772
Document number: DS41314 Rev. 1 - 2
7 of 24
www.diodes.com
August 2018
© Diodes Incorporated
AL1771/1772
Electrical Characteristics (@TA = +25°C, VAVCC, VDVCC = 12V, unless otherwise specified.)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
PFC Section
VAVCC_ST
AVCC Startup Threshold Voltage
VAVCC Rising
—
19
—
V
VAVCC_OPR_MIN
AVCC Minimal Operating Voltage
VAVCC Falling (After Startup )
7.0
—
8.5
V
VAVCC_OVP
AVCC OVP Voltage
—
—
30
—
V
IAVCC_ST
AVCC Startup Current
VCC = VST-0.5V, Before Start-up
—
3
—
µA
IAVCC_OPR
AVCC Operating Current
Static - No Switching (VCS = 0.6V)
—
500
—
µA
IAVCC_OVP
AVCC Shunt Current in OVP mode VCC = 15V after VCC >VCC_OVP Triggered
—
2.5
—
mA
VGD_H
GD High Level
VAVCC = 18V
12
13.5
15
V
VGD_L
GD Low Level
IGD_SINK = 20mA, VAVCC = 12V
—
—
1
V
tGD_R
GD Voltage Rise Time
CL = 1nF
—
100
—
ns
tGD_F
GD Voltage Fall Time
CL = 1nF
—
50
—
ns
tGD_ON_MIN
GD Minimum On Time
—
—
0.7
—
µs
tGD_ON_MAX
GD Maximum On Time
—
—
17
—
µs
tGD_OFF_MIN
GD Minimum Off Time
—
—
1.2
—
µs
tGD_OFF_MAX
GD Maximum Off Time
—
—
40
—
µs
fGD_MAX
GD Maximum Frequency
—
—
120
—
kHz
VCS_OCP
Primary Current OCP
—
—
0.5
—
V
GMCOMP
COMP Transconductance
—
—
100
—
µA/V
IMAX_COMP_SOURCE COMP Maximum Source Current
VFB = 0.8V
—
16
—
µA
IMAX_COMP_SINK
COMP Maximum Sink Current
VFB = 1.5V
—
16
—
µA
VFB_CV
FB CV Threshold Voltage
—
1.15
1.2
1.25
V
VFB_OVP
FB OVP Threshold Voltage
—
—
1.35
—
V
LED Driver Section
VDVCC_UVLO
DVCC UVLO Voltage
VDVCC Rising
—
6
—
V
VDVCC_UVHYS
DVCC UVLO Hysteresis
VDVCC Falling
—
300
—
mV
VDVCC_OVP
DVCC OVP Voltage
VDVCC Rising when IDVCC > 5mA
—
33
—
V
IMAX_DVCC_OVP
Maximum DVCC OVP Current
VDVCC > VDVCC_OVP
—
7
—
mA
IDVCC_Low_Power
DVCC Supply Current at Low-
Power Mode
Low-Power Mode, PWMx are
“L”
—
300
—
µA
IDVCC_Q
DVCC Quiescent Supply Current
Enabled
, LEDx floating, PWMx are “H”, RSETx is
12k
Ω
—
1.5
—
mA
VIL(PWMx)
PWM Low Voltage
—
—
—
0.4
V
VIH(PWMx)
PWM High Voltage
—
1.4
—
—
V
fPWMx
PWM Frequency
—
0.5
—
40
kHz
I(PWMx-PD)
PWM Internal Pulldown
VPWMx = 5V
0.35
—
3.5
μA
tPWMx_MIN. ON
Minimum PWMx On Time
—
—
2.5
—
μs
tPWMx_Low_Power
Low-Power Time
—
—
4
—
ms
VREFx
Reference Voltage
—
1.47
1.5
1.53
V
IREFx
Reference Current
RSETx = 12k
Ω
—
125
—
µA
ILED1_NOM
Regulation Current for Channel 1
(AL1771)
RSETx = 12k
Ω
—
500
—
mA
Regulation Current for Channel 1
(AL1772)
RSETx = 12k
Ω
—
250
—
mA
ILED2_NOM
Regulation Current for Channel 2
RSETx = 12k
Ω
—
250
—
mA
VLEDx_REG
Minimum LED Regulation Voltage ILEDx = 250mA
—
250
—
mV
ILEDx_LEAK
LEDx Leakage Current
VPWMx = 0V, VLEDx = 12V
—
0.1
2
μA
ILEDx_ACCURACY
LEDx Current Accuracy
RSETx = 12k
Ω
-4.0
—
4.0
%
VLEDxSHP
LED Short Protection Threshold
—
—
9
—
V
tLEDxSHDG
Short-detection Deglitch
100% duty-cycle
—
4
—
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com