Electronic Components Datasheet Search
  English  ▼

X  

AL1771 Datasheet(PDF) 19 Page - Diodes Incorporated

Part # AL1771
Description  PFC CONTROLLER SINGLE/DUAL DIMMABLE LINEAR LED DRIVER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL1771 Datasheet(HTML) 19 Page - Diodes Incorporated

Back Button AL1771 Datasheet HTML 15Page - Diodes Incorporated AL1771 Datasheet HTML 16Page - Diodes Incorporated AL1771 Datasheet HTML 17Page - Diodes Incorporated AL1771 Datasheet HTML 18Page - Diodes Incorporated AL1771 Datasheet HTML 19Page - Diodes Incorporated AL1771 Datasheet HTML 20Page - Diodes Incorporated AL1771 Datasheet HTML 21Page - Diodes Incorporated AL1771 Datasheet HTML 22Page - Diodes Incorporated AL1771 Datasheet HTML 23Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
AL1771/1772
Document number: DS41314 Rev. 1 - 2
19 of 24
www.diodes.com
August 2018
© Diodes Incorporated
AL1771/1772
Package Outline Dimensions
Please see http://www.diodes.com/package-outlines.html for the latest version.
TSSOP-16EP (Type DX)
SEATING PLANE
A2
A
D
A1
DETAIL 'A'
GAUGE PLANE
R1
R
L
L1
L2
0
01( 18x)
02
SEE DETAIL 'A'
E2
D2
c
PIN 1
e
b
E
E/2
E1
1.350
1.050
Suggested Pad Layout
Please see http://www.diodes.com/package-outlines.html for the latest version.
TSSOP-16EP (Type DX)
C
Y2
X1
Y
X
X2
Y1
Y3
X3
Notes:
7. The suggested land pattern dimensions have been provided for reference only, as actual pad layouts may vary depending on application. These
dimensions may be modified based on user equipment capability or fabrication criteria. A more robust pattern may be desired for wave soldering and is
calculated by adding 0.2 mm to the ‘Z’ dimension. For further information, please reference document IPC-7351A, Naming Convention for Standard SMT
Land Patterns, and for International grid details, please see document IEC, Publication 97.
8. For high voltage applications, the appropriate industry sector guidelines should be considered with regards to creepage and clearance distances between
device Terminals and PCB tracking.
TSSOP-16EP
(Type DX)
Dim
Min
Max
Typ
A
--
1.08
--
A1
0.05
0.15
--
A2
0.80
0.93
--
b
0.19
0.30
--
c
0.09
0.20
--
D
4.90
5.10
--
D2
2.70
--
--
E
6.40 BSC
E1
4.30
4.50
--
E2
2.50
--
--
e
0.65 BSC
L
0.45
0.75
--
L1
1.00 REF
L2
0.25 BSC
R
0.09
--
--
R1
0.09
--
--
θ
0°
8°
--
θ1
5°
15°
--
θ2
0°
--
--
All Dimensions in mm
Dimensions
Value
(in mm)
C
0.65
X
0.35
X1
2.94
X2
2.45
X3
4.90
Y
1.40
Y1
2.00
Y2
2.72
Y3
6.80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com