Electronic Components Datasheet Search
  English  ▼

X  

AL1771 Datasheet(PDF) 14 Page - Diodes Incorporated

Part # AL1771
Description  PFC CONTROLLER SINGLE/DUAL DIMMABLE LINEAR LED DRIVER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL1771 Datasheet(HTML) 14 Page - Diodes Incorporated

Back Button AL1771 Datasheet HTML 10Page - Diodes Incorporated AL1771 Datasheet HTML 11Page - Diodes Incorporated AL1771 Datasheet HTML 12Page - Diodes Incorporated AL1771 Datasheet HTML 13Page - Diodes Incorporated AL1771 Datasheet HTML 14Page - Diodes Incorporated AL1771 Datasheet HTML 15Page - Diodes Incorporated AL1771 Datasheet HTML 16Page - Diodes Incorporated AL1771 Datasheet HTML 17Page - Diodes Incorporated AL1771 Datasheet HTML 18Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
AL1771/1772
Document number: DS41314 Rev. 1 - 2
14 of 24
www.diodes.com
August 2018
© Diodes Incorporated
AL1771/1772
Functional Description (Cont.)
—
Channel 1
Channel 2
Total IC Current
AL1771
300mA
Not Applicable
300mA
AL1772
150mA
150mA
300mA
Table 2. Recommended Minimum Channel Current and Total IC Current for AL1771/1772
Along with bus-mode fault reporting, multiple devices can be employed together to increase current driving capability or channel count versatility.
The maximum LED current for the channel can be adjusted up to 1500mA via RSET resistor for AL1771 and 750mA for AL1772.
Any two or more channels can be tied together to drive one LED string with aggregated current. So when current needed for any channel is
greater than the maximum value the device can provide, two or more channels or devices can be paralleled together to provide the drive current
needed.
3.
High Performance PWM Dimming
(1)
Support High Frequency e-Flicker Free Dimming
For PWM-dimmed Light Sources, there are two important performance aspects to pay attention, namely, PWM frequency and deep dimming
performance. While human eyes could not discern any flickering caused by PWM-dimming light sources over 200Hz, Electronic devices such as
camera for smartphones could detect flickering (referred as e-Flicker) caused by certain much higher PWM-dimmed light sources. Generally
speaking, the higher the PWM dimming signals applied to the light source, the less visible e-Flicker detected by electronic components.
The AL1771/1772 provides PWM dimming control. The PWM frequency is recommended to be greater than 500Hz. For e-Flicker free operation,
4kHz or higher frequency is recommended. High level of PWM signal will turn on the current sink to flow through the LED and low level of PWM
signal will turn it off. Consequently, the LED current and LED brightness of each corresponding channel can be adjusted.
(2)
Deep Dimming Capability
Measured light is linearly proportional to the measured current and PWM duty cycle. The perceived light by human eyes has a non-linear
relationship with measured light. Human eyes are also found to be more sensitive to low light situations. For example, 10% measured light is
perceived to be 32% of the original full light. 5% measured light is perceived to be 22% of the original full light. 1% measured light is perceived to
be 10% of the original full light. Therefore, deep dimming capability is required to save significant energy as well as to provide adequate visible
light output.
The pulse width of PWM signal applied to AL1771/1772 can be as low
as 1μs to support down to 0.1%@1kHz deep dimming capability still with
good linearity. Further deeper dimming through higher frequency PWM signals is possible which maintains reasonable linearity
– 0.1%@1kHz,
0.4%@4kHz, or 1.0%@10kHz. PWM signals can be driven static low or high to turn off or on the corresponding channels constantly.
4.
Low-Power Mode and Adaptive Thermal Management (ATM)
(1)
Automatic Entrance/Exit to/ from Low-Power Mode
For SCL applications, the brightness and CCT tuning are done through LED emitter light mixing by changing average current through associated
PWM signal of each emitter channel. When no PWM signal is detected by the Linear LED driver, it will automatically enter the low-power mode for
power saving purpose. When in this low-power mode, the power consumption of the Linear LED driver is reduced to IDVCC_Low_Power (DVCC
supply Current at Low-Power mode) * DVCC (Supply Voltage for Linear LED driver circuit). In the case of RSET is 6k
Ω (for 500mA channel current
in AL1772, IDVCC_Low_Power is 0.3mA) and DVCC is 25V, or 7.5mW for the LED driver portion. To be in compliance with Energy Star standby power
requirement for SCL bulbs, this power saving is very significant.
When any PWM signal is detected, the Linear LED driver will automatically exit the low power mode and perform it designated functions properly.
(2)
Adaptive Thermal Management (ATM) Scheme
The Input Voltage to drive all attached Emitter Strings needs to maintain voltage level over required total VF of emitter string plus minimum voltage
headroom (VLED_REG). On the other hands, excessive voltage headroom provided needs to be absorbed by AL1771/1772, which increases heat
dissipation to complicate thermal management. Power Good reporting serves as a mechanism to detect the LED power supply condition and
adjust the supply voltage to LEDs through AC-DC voltage feedback in order to minimize unnecessary overdrive voltage to the LED Driver and
optimize the efficiency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com