Electronic Components Datasheet Search
  English  ▼

X  

AL8821 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AL8821
Description  BOOST LED DRIVER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL8821 Datasheet(HTML) 5 Page - Diodes Incorporated

  AL8821 Datasheet HTML 1Page - Diodes Incorporated AL8821 Datasheet HTML 2Page - Diodes Incorporated AL8821 Datasheet HTML 3Page - Diodes Incorporated AL8821 Datasheet HTML 4Page - Diodes Incorporated AL8821 Datasheet HTML 5Page - Diodes Incorporated AL8821 Datasheet HTML 6Page - Diodes Incorporated AL8821 Datasheet HTML 7Page - Diodes Incorporated AL8821 Datasheet HTML 8Page - Diodes Incorporated AL8821 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
AL8821
Document number: DS37671 Rev. 2 - 2
5 of 14
www.diodes.com
February 2017
© Diodes Incorporated
AL8821
Performance Characteristics
Quiescent Current vs. VIN Pin Voltage
Quiescent Current vs. Ambient Temperature
VCC Pin Voltage vs. VIN Pin Voltage
VCC Pin Voltage vs. Ambient Temperature
FB Pin Voltage vs.VIN Pin Voltage
FB Pin Voltage vs. Ambient Temperature
4
8
12
16
20
24
28
32
36
0.6
0.7
0.8
0.9
1.0
1.1
1.2
VIN Pin Voltage (V)
-45
-30
-15
0
15
30
45
60
75
90
105
0.6
0.8
1.0
1.2
1.4
Ambient Temperature (
oC)
V
IN = 12V
4
8
12
16
20
24
28
32
36
4.5
4.6
4.7
4.8
4.9
5.0
5.1
5.2
VIN Pin Voltage (V)
-45
-30
-15
0
15
30
45
60
75
90
105
4.8
4.9
5.0
5.1
5.2
5.3
5.4
5.5
Ambient Temperature (
oC)
V
IN = 12V
4
8
12
16
20
24
28
32
36
0.40
0.42
0.44
0.46
0.48
0.50
VIN Pin Voltage (V)
-45
-30
-15
0
15
30
45
60
75
90
105
0.40
0.42
0.44
0.46
0.48
0.50
Ambient Temperature (
oC)
V
IN = 12V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com