Electronic Components Datasheet Search
  English  ▼

X  

AL8821 Datasheet(PDF) 10 Page - Diodes Incorporated

Part # AL8821
Description  BOOST LED DRIVER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL8821 Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button AL8821 Datasheet HTML 6Page - Diodes Incorporated AL8821 Datasheet HTML 7Page - Diodes Incorporated AL8821 Datasheet HTML 8Page - Diodes Incorporated AL8821 Datasheet HTML 9Page - Diodes Incorporated AL8821 Datasheet HTML 10Page - Diodes Incorporated AL8821 Datasheet HTML 11Page - Diodes Incorporated AL8821 Datasheet HTML 12Page - Diodes Incorporated AL8821 Datasheet HTML 13Page - Diodes Incorporated AL8821 Datasheet HTML 14Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
AL8821
Document number: DS37671 Rev. 2 - 2
10 of 14
www.diodes.com
February 2017
© Diodes Incorporated
AL8821
Application Information (Cont.)
VIN OVP Protection
AL8821 has an internal over voltage protection to protect IC from excessive input voltage. When the voltage applied at VIN pin exceeds 39V, it will
turn off the power switch SW. The power switch SW will be turned on again once the voltage at VIN drops below 34V.
VCC Regulator
The VCC pin requires a capacitor C3 for stable operation and to store the charge for the large GATE switching currents. Choose a 10V rated low
ESR, X7R or X5R, ceramic capacitor for best performance. A 4.7µF capacitor will be adequate for many applications. Place the capacitor close to
the IC to minimize the trace length to the VCC pin and to the IC ground.
An internal current limit on the VCC output protects the excessive on-chip power dissipation. The VCC pin has set the output to 5V (typ.) to protect
the internal FETs from excessive power dissipation caused by not being fully enhanced. If the VCC pin is used to drive extra circuits beside the
AL8821, the extra loads should be limited to less than 8mA.
Output Capacitor CO
The capacitor CO is used to hold the bus voltage and reduce the ripple of LED current when the electronic transformer has no output. For most
applications, it is recommended to use an aluminum electrolytic capacitor with greater than 220µF capacitance.
Compensation Capacitor C4
In applications powered by electronic transformer, the input voltage can change roughly in one cycle of AC power frequency. A 1µF ceramic
capacitor C4 connected from COMP pin to ground help to stabilize the control loop of the regulator.
Diode Selection
For maximum efficiency and performance, the rectifiers (D5) should be fast low capacitance Schottky diodes with low reverse leakage at
maximum operating voltage and temperature. With its low power dissipation, the Schottky diode outperforms other silicon diodes and increases
overall efficiency.
Over Temperature Protection
A over temperature protection feature is to protect the AL8821 from excessive heat damage. When the junction temperature exceeds +160°C, the
internal FET will be turned off. When junction temperature drops below +120°C, IC will turn on both FETs and return to normal operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com