Electronic Components Datasheet Search
  English  ▼

X  

AL8821 Datasheet(PDF) 9 Page - Diodes Incorporated

Part # AL8821
Description  BOOST LED DRIVER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL8821 Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button AL8821 Datasheet HTML 5Page - Diodes Incorporated AL8821 Datasheet HTML 6Page - Diodes Incorporated AL8821 Datasheet HTML 7Page - Diodes Incorporated AL8821 Datasheet HTML 8Page - Diodes Incorporated AL8821 Datasheet HTML 9Page - Diodes Incorporated AL8821 Datasheet HTML 10Page - Diodes Incorporated AL8821 Datasheet HTML 11Page - Diodes Incorporated AL8821 Datasheet HTML 12Page - Diodes Incorporated AL8821 Datasheet HTML 13Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
AL8821
Document number: DS37671 Rev. 2 - 2
9 of 14
www.diodes.com
February 2017
© Diodes Incorporated
AL8821
Application Information (Cont.)
)
( peak
L
L
I
I
K
RSET and RHYS can be obtained from above equations:
1
1
((
1.5) 0.6 1.4) (2
)
,1.5
5
32 (
0.444)
-K
=
0.044 (2
)
, 0
1.5
(
0.444)
-K
COMP
IN
COMP
LED
LED
SET
IN
COMP
LED
LED
V
K
V
V
V
V
VI
R
KV
V
V
V
VI
 
 

 
 

1
1
4
1
2 (
0.444)
10
=
(2
)
LED
LED
SET
HYS
IN
V
I
K
R
R
VK
 
 
When the value of K,
and VCOMP are provided, the value of resister RSET and RHYS can be calculated according to these above equations. In
order to get appropriate efficiency and Electronic Transformer (ET) compatibility, generally K is set between 0.4 and 0.8. Due to the range of
VCOMP is from 0V to 5V, in order to get output voltage regulation, generally VCOMP is set as 3V at rated input voltage.
Inductor Selection
Because of the using of the hysteretic control scheme, the switching frequency in a boost configuration can be adjusted in accordance to the value
of the inductor being used. The value of the inductor can be determined on the desired switching frequency by using the following equation:
1
(
)
(
)
1
()
[
(
)
] [
0.444
(
)
]
0.444
IN
SET
L
DSON
L ave
LED
F
L
SET
L ave
IN
L
LED
F
DSON
L ave
SW
V
R
R
R
I
V
V
R
R
I
V
L
I
V
V
R
I
f
Where:
L is the coil inductance.
RL is the coil resistance.
RDSON is the switch SW resistance.
VIN1 is the rated input voltage.
VF is the diode forward voltage.
fSW is the desired switching frequency. Generally 500kHz to 800kHz switching frequency is suggested. Low switching frequency can decrease the
switching loss but need to choose higher inductor values that will result in larger size in order to meet the saturation current. For example the
relationship between switching frequency and inductor value is shown as below Table 1 in the same application system. Considering these factors,
500kHz switching frequency is recommend in typical application.
Inductance Value of L @ Vac = 12Vac, VIN = 22V
VLED = 28V, ILED = 180mA
Operation Frequency of SW at Peak Voltage Of Vac
10µH
840kHz
15µH
800kHz
22µH
680kHz
33µH
465kHZ
Table 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com