Electronic Components Datasheet Search
  English  ▼

X  

AL8821 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AL8821
Description  BOOST LED DRIVER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL8821 Datasheet(HTML) 1 Page - Diodes Incorporated

  AL8821 Datasheet HTML 1Page - Diodes Incorporated AL8821 Datasheet HTML 2Page - Diodes Incorporated AL8821 Datasheet HTML 3Page - Diodes Incorporated AL8821 Datasheet HTML 4Page - Diodes Incorporated AL8821 Datasheet HTML 5Page - Diodes Incorporated AL8821 Datasheet HTML 6Page - Diodes Incorporated AL8821 Datasheet HTML 7Page - Diodes Incorporated AL8821 Datasheet HTML 8Page - Diodes Incorporated AL8821 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
AL8821
Document number: DS37671 Rev. 2 - 2
1 of 14
www.diodes.com
February 2017
© Diodes Incorporated
AL8821
50V, 2A BOOST LED DRIVER
Description
The AL8821 is a boost converter that delivers an accurate constant
current for MR16 and similar LED Lamps. With proprietary control
scheme, the LED driver is compatible with many commonly used
electronic transformers and provides designs with High Power Factor
(PF) and low Total Harmonic Distortion (THD) for these applications.
The operation frequency is up to 1MHz that allows the use of small
size inductor. With the package of SO-8EP, the AL8821 has small
thermal resistance and can be used for wide range of output power.
The driver can be used for dimmable MR16 application and can be
compatible with leading-edge dimmer and trailing-edge dimmer.
Features
Wide Input Voltage Range: 5V to 36V
Internal 50V NDMOS Switches
Continuous Conduction Mode (CCM) Operation
Up to 1MHz Switching Frequency
High PF > 0.9 and Low THD < 30% and Low Ripple < 20%
Compatible With Leading-edge Dimmer And Trailing-edge
Dimmer
Internal Protections
Under Voltage Lock Out (UVLO)
Output Open
Over Temperature Protection (OTP)
Pb-free SO-8EP
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Pin Assignments
(Top View)
1
2
3
4
8
7
6
5
SW
CS
FB
COMP
NC
VCC
VIN
NC
EP
SO-8EP
Applications
Non-dimmable MR16 Lamps
Dimmable MR16 Lamps
General Illumination Lamps
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1η00ppm total Br + Cl) and
<1000ppm antimony compounds.
Typical Applications Circuit
D2
D1
D3
D4
D5
RSET
RHYS
CO
C3
SW
CS
VCC
COMP
VIN
(Exposed Pad)
L
C4
Vac
FB
RFB


Similar Part No. - AL8821

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AL8821 DIODES-AL8821 Datasheet
392Kb / 14P
40V, 2A BOOST LED DRIVER
Rev 1
AL8821SP-13 DIODES-AL8821SP-13 Datasheet
392Kb / 14P
40V, 2A BOOST LED DRIVER
Rev 1
More results

Similar Description - AL8821

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5008 ONSEMI-NCP5008 Datasheet
119Kb / 20P
Backlight LED Boost Driver
August, 2003 ??Rev. 4
logo
Diodes Incorporated
ZXSC400 DIODES-ZXSC400 Datasheet
203Kb / 16P
LED DRIVER BOOST CONVERTER
JANUARY 2003
logo
List of Unclassifed Man...
ZSLS7025 ETC2-ZSLS7025 Datasheet
240Kb / 3P
Boost LED Driver
logo
ON Semiconductor
LV52207NXB ONSEMI-LV52207NXB Datasheet
1Mb / 18P
LED Boost Driver
November 2015- Rev. 1
logo
Integrated Device Techn...
ZLED7025 IDT-ZLED7025 Datasheet
599Kb / 26P
Boost LED Driver
logo
ON Semiconductor
LV52204MT ONSEMI-LV52204MT Datasheet
445Kb / 16P
LED Boost Driver
May, 2014
logo
QX Micro Devices Co.,Lt...
QX5278 QXMD-QX5278 Datasheet
810Kb / 2P
Buck-boost LED driver
logo
Shenzhen Huazhimei Semi...
HM3442 HMSEMI-HM3442 Datasheet
515Kb / 8P
Buck-boost LED driver
HM3348 HMSEMI-HM3348 Datasheet
607Kb / 9P
Boost LED Driver
logo
Renesas Technology Corp
ZSLS7025 RENESAS-ZSLS7025 Datasheet
769Kb / 27P
Boost LED Driver
April 20, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com