Electronic Components Datasheet Search
  English  ▼

X  

MP6601 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP6601
Description  35V, 2.5A, Stepper Motor Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6601 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP6601 Datasheet HTML 1Page - Monolithic Power Systems MP6601 Datasheet HTML 2Page - Monolithic Power Systems MP6601 Datasheet HTML 3Page - Monolithic Power Systems MP6601 Datasheet HTML 4Page - Monolithic Power Systems MP6601 Datasheet HTML 5Page - Monolithic Power Systems MP6601 Datasheet HTML 6Page - Monolithic Power Systems MP6601 Datasheet HTML 7Page - Monolithic Power Systems MP6601 Datasheet HTML 8Page - Monolithic Power Systems MP6601 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
MP6601 – 35V, 2.5A, STEPPER MOTOR DRIVER W/ INTERNAL CURRENT SENSE
MP6601 Rev. 1.01
www.MonolithicPower.com
5
9/4/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
TYPICAL CHARACTERISTICS
ISET Voltage vs. Temperature
ISET Current Ratio vs. Temperature
0.88
0.89
0.9
0.91
0.92
0.93
-50
-20
10
40
70
100
130
TEMPERATURE (°C)
12.7
12.72
12.74
12.76
12.78
12.8
-50
-20
10
40
70
100
130
TEMPERATURE (°C)
Bridge A HS On Resistance vs.
Temperature
Bridge B HS On Resistance vs.
Temperature
140
160
180
200
220
240
260
280
-50
-20
10
40
70
100
130
TEMPERATURE (°C)
140
160
180
200
220
240
260
280
-50
-20
10
40
70
100
130
TEMPERATURE (°C)
Bridge A LS On Resistance vs.
Temperature
Bridge B LS On Resistance vs.
Temperature
130
150
170
190
210
230
250
-50
-20
10
40
70
100
130
TEMPERATURE (°C)
130
150
170
190
210
230
250
-50
-20
10
40
70
100
130
TEMPERATURE (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com