Electronic Components Datasheet Search
  English  ▼

X  

MP6601 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP6601
Description  35V, 2.5A, Stepper Motor Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6601 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP6601 Datasheet HTML 1Page - Monolithic Power Systems MP6601 Datasheet HTML 2Page - Monolithic Power Systems MP6601 Datasheet HTML 3Page - Monolithic Power Systems MP6601 Datasheet HTML 4Page - Monolithic Power Systems MP6601 Datasheet HTML 5Page - Monolithic Power Systems MP6601 Datasheet HTML 6Page - Monolithic Power Systems MP6601 Datasheet HTML 7Page - Monolithic Power Systems MP6601 Datasheet HTML 8Page - Monolithic Power Systems MP6601 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
MP6601
35V, 2.5A, Stepper Motor Driver
MP6601 Rev. 1.01
www.MonolithicPower.com
1
9/4/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP6601 is a stepper motor driver with
parallel inputs and current regulation. Current
sensing is internal and requires no external
sense resistors. High integration and a small
package size make the MP6601 a space-saving
and cost-effective solution for bipolar stepper
motor drives.
The MP6601 operates from a wide supply
voltage of 4.5 - 35V and can deliver motor
current up to 2.5A (depending on thermal
conditions and the package). The MP6601 can
operate a bipolar stepper motor in full-, half-, or
quarter-step modes using internal 2-bit DACs.
Full protection features include over-current
protection (OCP), input over-voltage protection
(OVP), under-voltage lockout (UVLO), and
thermal shutdown.
The
MP6601
is
available
in
QFN-24
(5mmx5mm) and TSSOP-28 EP packages.
FEATURES
 Wide 4.5V to 35V Input Voltage Range
 Two Internal Full-Bridge Drivers
 Internal Current Sensing and Regulation
 Low On Resistance (HS: 170mΩ, LS:
150mΩ)
 No Control Power Supply Required
 Simple PHASE/I0/I1 Logic Interface
 3.3V and 5V Compatible Logic Supply
 Step Modes from Full-Step to Quarter-Step
 2.5A Output Current
 Automatic Current Decay
 Over-Current Protection (OCP)
 Input
Over-Voltage
Protection
(OVP)
Function
 Thermal Shutdown and Under-Voltage
Lockout (UVLO) Protection
 Fault Indication Output
 Available in QFN-24 (5mmx5mm) and
Thermally
Enhanced
TSSOP-28
EP
Packages
APPLICATIONS
 Bipolar Stepper Motors
 Printers
All MPS parts are lead-free, halogen-free, and adhere to the RoHS directive. For
MPS green status, please visit the MPS website under Quality Assurance.
“MPS” and “The Future of Analog IC Technology” are registered trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION


Similar Part No. - MP6601

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP6600 MPS-MP6600 Datasheet
979Kb / 18P
35V, 1.5A, Stepper Motor Driver
MP6600GR MPS-MP6600GR Datasheet
979Kb / 18P
35V, 1.5A, Stepper Motor Driver
MP6604A MPS-MP6604A Datasheet
783Kb / 20P
Simple, Dual H-Bridge Motor Driver with Separate Input and Enable Pins
Rev. 1.1 5/12/2023
MP6604AGF MPS-MP6604AGF Datasheet
783Kb / 20P
Simple, Dual H-Bridge Motor Driver with Separate Input and Enable Pins
Rev. 1.1 5/12/2023
MP6604AGF-Z MPS-MP6604AGF-Z Datasheet
783Kb / 20P
Simple, Dual H-Bridge Motor Driver with Separate Input and Enable Pins
Rev. 1.1 5/12/2023
More results

Similar Description - MP6601

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M54640P MITSUBISHI-M54640P Datasheet
108Kb / 6P
STEPPER MOTOR DRIVER
logo
STMicroelectronics
TEF3718 STMICROELECTRONICS-TEF3718 Datasheet
143Kb / 8P
STEPPER MOTOR DRIVER
Oct-1991
L6219R STMICROELECTRONICS-L6219R Datasheet
144Kb / 11P
STEPPER MOTOR DRIVER
May-2005
L6219R STMICROELECTRONICS-L6219R_06 Datasheet
232Kb / 16P
Stepper motor driver
22-Jun-2006
logo
ON Semiconductor
CS8442 ONSEMI-CS8442 Datasheet
47Kb / 4P
Stepper Motor Driver
December, 2001 - Rev. 2
logo
Monolithic Power System...
EV6501AGF-00B MPS-EV6501AGF-00B Datasheet
504Kb / 10P
2.5A, 35V Bipolar Stepper Motor Driver Evaluation Kit
MP6500 MPS-MP6500 Datasheet
1Mb / 19P
35V, 2.5A, Stepper Motor Driver
MP6501A MPS-MP6501A Datasheet
2Mb / 17P
8V to 35V, 2.5A Stepper Motor Driver with Integrated MOSFETs
MP6518 MPS-MP6518 Datasheet
1Mb / 16P
35V, 1.5A Stepper Motor Driver with Integrated MOSFETs
MP6600 MPS-MP6600 Datasheet
979Kb / 18P
35V, 1.5A, Stepper Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com