Electronic Components Datasheet Search
  English  ▼

X  

MP6601 Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP6601
Description  35V, 2.5A, Stepper Motor Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6601 Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MP6601 Datasheet HTML 4Page - Monolithic Power Systems MP6601 Datasheet HTML 5Page - Monolithic Power Systems MP6601 Datasheet HTML 6Page - Monolithic Power Systems MP6601 Datasheet HTML 7Page - Monolithic Power Systems MP6601 Datasheet HTML 8Page - Monolithic Power Systems MP6601 Datasheet HTML 9Page - Monolithic Power Systems MP6601 Datasheet HTML 10Page - Monolithic Power Systems MP6601 Datasheet HTML 11Page - Monolithic Power Systems MP6601 Datasheet HTML 12Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
MP6601 – 35V, 2.5A, STEPPER MOTOR DRIVER W/ INTERNAL CURRENT SENSE
MP6601 Rev. 1.01
www.MonolithicPower.com
8
9/4/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
QFN
Pin #
TSSOP
Name
Description
1
11
AI1
Current-set inputs for phase A.
2
12
nFAULT
Fault indication. nFAULT is an open-drain output. nFAULT is at logic low
when a fault condition occurs (i.e.: OCP, OTP, OVP).
3
13
ISET
Current set programming pin. Connect a resistor from ISET to ground to
set the current through the motor.
4
14
AI0
Current-set inputs for phase A.
5
15
ROSC
Constant off time programming pin. Connect a resistor from ROSC to
ground to set the PWM off time.
6
16
BI0
Current-set inputs for phase B.
7
18
BI1
8, 12,
20, 24,
EP
6, 10,
19, 23,
EP
GND
Power ground.
9
20
BOUT1
Bridge B output terminal 1.
10, 22
8, 21
VIN
Input supply voltage. Both VIN pins must be connected to the same
supply. Decouple VIN to ground with a minimum 100nF ceramic capacitor.
11
22
BOUT2
Bridge B output terminal 2.
13
24
BPHASE
Phase (direction) input for bridge B.
14
25
VCP
Charge pump output. Connect a 1µF, 16V ceramic capacitor from VCP
to VIN.
15
28
CP2
Charge pump capacitor. Connect a 100nF ceramic capacitor rated for
the VIN voltage between these terminals.
16
1
CP1
17
2
VG
Low-side MOSFETs gate drive voltage. Connect a 220nF, 16V ceramic
capacitor from VG to ground.
-
3, 17,
26, 27
NC
No connection.
18
4
APHASE
Phase (direction) input for bridge A.
19
5
nSLEEP
Sleep mode input. Drive nSLEEP to logic low to place the MP6601 in
low-power sleep mode. Drive nSLEEP to logic high to enable normal
operation. nSLEEP has an internal pull-down resistor.
21
7
AOUT2
Bridge A output terminal 2.
23
9
AOUT1
Bridge A output terminal 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com