Electronic Components Datasheet Search
  English  ▼

X  

MP6601 Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP6601
Description  35V, 2.5A, Stepper Motor Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6601 Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP6601 Datasheet HTML 6Page - Monolithic Power Systems MP6601 Datasheet HTML 7Page - Monolithic Power Systems MP6601 Datasheet HTML 8Page - Monolithic Power Systems MP6601 Datasheet HTML 9Page - Monolithic Power Systems MP6601 Datasheet HTML 10Page - Monolithic Power Systems MP6601 Datasheet HTML 11Page - Monolithic Power Systems MP6601 Datasheet HTML 12Page - Monolithic Power Systems MP6601 Datasheet HTML 13Page - Monolithic Power Systems MP6601 Datasheet HTML 14Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
MP6601 – 35V, 2.5A, STEPPER MOTOR DRIVER W/ INTERNAL CURRENT SENSE
MP6601 Rev. 1.01
www.MonolithicPower.com
10
9/4/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
OPERATION
The MP6601 is a bipolar stepper motor driver
that
integrates
eight
N-Channel
power
MOSFETs comprised of two internal full-bridges
with 2.5A of current capability. The MP6601
operates over a wide supply voltage range of
4.5 - 35V.
The MP6601 is designed to operate bipolar
stepper motors in full-, half-, and quarter-step
modes. The current of each full-bridge is set by
the output voltage of an internal DAC, which is
controlled by the xI0 and xI1 input pins.
The currents in each of the two outputs are
regulated with programmable, constant off-time,
pulse-width modulation (PWM) control circuitry.
The MP6601 integrates internal current sensing,
eliminating the need for external sense resistors.
Input Interface
The MP6601 contains two full H-bridges that
operate independently. Each H-bridge has an
input signal that controls the current flow
direction in the H-bridge (see Table 1).
Table 1: Input Control Truth Table
xPHASE
xOUT1
xOUT2
0
L
H
1
H
L
Additionally, each H-bridge has two input pins
that are used to scale the current regulation
point in the bridge (see Table 2).
Table 2: Current Regulator Sensing
xI1
xI0
Current
0
0
100%
0
1
71%
1
0
38%
1
1
0% (high impedance)
Programmable Constant Off-Time Current
Control
The
motor
current
is
regulated
by
a
programmable constant off-time PWM current
control circuit. Its operation is described below:
 Initially, a diagonal pair of MOSFETs turns
on and drives current through the motor
winding.
 The current increases in the motor winding,
which is sensed by an internal current-
sense circuit. During the initial blanking time
(tBLANK), the high-side MOSFET (HS-FET)
always turns on in spite of current-limit
detection.
 When the current reaches the current trip
threshold, the internal current comparator
either shuts off the HS-FET so the winding
inductance current freewheels through the
two low-side MOSFETs (LS-FET) (slow
decay) or turns on another diagonal pair of
MOSFETs so the current flows back to the
input (fast decay).
 The current keeps decreasing for the
constant off-time unless a zero current level
is detected. Afterward, the HS-FET is
enabled to increase the winding current
again.
 The cycle then repeats.
Constant-off-time (toff) is determined by the
selection of an external resistor (Rt), which can
be approximated with Equation (1):
OFF
t
t(ns) 190 R (k )

(1)
The full-scale (100%) regulation current can be
calculated with Equation (2):
Max
ISET
I71k / R
(2)
Blanking Time
There is usually a current spike during the
switching transition due to the body diode’s
reverse-recovery current or the distributed
inductance or capacitance. This current spike
requires filtering to prevent it from erroneously
shutting down the HS-FET.
After the PWM cycle begins, the output of the
current sense comparator is ignored for the
fixed blanking time. This blanking time results in
a minimum on time for the PWM cycle.
Automatic Decay Mode
The MP6601 uses a fully automatic decay
mode to provide accurate current regulation.
Initially, slow decay is used. At the end of the
fixed off time, if the current is above the ITRIP
threshold, then fast decay mode is initiated by
reversing the state of the H-bridge outputs.
Once the current level during this fast decay
period
drops
below
the
ITRIP
threshold,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com