Electronic Components Datasheet Search
  English  ▼

X  

AL5809 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AL5809
Description  60V Two Terminal Constant Current LED Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL5809 Datasheet(HTML) 5 Page - Diodes Incorporated

  AL5809 Datasheet HTML 1Page - Diodes Incorporated AL5809 Datasheet HTML 2Page - Diodes Incorporated AL5809 Datasheet HTML 3Page - Diodes Incorporated AL5809 Datasheet HTML 4Page - Diodes Incorporated AL5809 Datasheet HTML 5Page - Diodes Incorporated AL5809 Datasheet HTML 6Page - Diodes Incorporated AL5809 Datasheet HTML 7Page - Diodes Incorporated AL5809 Datasheet HTML 8Page - Diodes Incorporated AL5809 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
AL5809
Document number: DS36625 Rev. 5 - 2
5 of 16
www.diodes.com
December 2016
© Diodes Incorporated
AL5809
Application Information
Description
The AL5809 is a constant current Linear LED driver and can be placed in series with LEDs as a High Side or a Low Side constant current
regulator. The AL5809 offers various current settings from 15mA up to 150mA and different current settings available upon request (contact
Diodes local sales office at http://www.diodes.com).
The AL5809 contains a Low-Dropout regulator which provides power to the internal Current regulation control block. A fixed preset LED current
setting resistor sets the reference current of the Current regulation block. The LED current setting resistor varies with each variant of the AL5809.
An accurate current mirror within the Current regulation control block increases the reference current to the preset LED current of the AL5809.
Simple LED String
The AL5809 can be placed in series with LEDs as a Low Side/High Side constant current regulator. The number of the LEDs can vary from one
to as many as can be supported by the input supply voltage. The designer needs to calculate the maximum voltage between In and Out by
taking the maximum input voltage minus the voltage across the LED string (Figures 1 & 2).
VIN
Low Side LED String
IN
OUT
1
2
AL5809
Figure 1 Low Side LED String Tapping
VIN
High Side LED String
IN
OUT
1
2
AL5809
Figure 2 High Side LED String Tapping
The AL5809 can also be used on the high side of the LEDs, see Figure 2. The minimum system input voltage can be calculated by:
VIN(min) = VLED_CHAIN + 2.5V
Where VLED_CHAIN is the LED chain voltage.
The LED current can be increased by connecting two or more AL5809 in parallel in Figure 3.
VIN
IN
OUT
IN
OUT
. . .
AL5809
AL5809
2
2
1
1
AL5809
AL5809
VIN
IN
OUT
IN
OUT
. . .
1
1
2
2
(a)Low Side Configuration
(b) High Side Configuration
Figure 3 Higher LED Current by Parallel Configuration of AL5809



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com