Electronic Components Datasheet Search
  English  ▼

X  

AL5809 Datasheet(PDF) 13 Page - Diodes Incorporated

Part # AL5809
Description  60V Two Terminal Constant Current LED Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL5809 Datasheet(HTML) 13 Page - Diodes Incorporated

Back Button AL5809 Datasheet HTML 8Page - Diodes Incorporated AL5809 Datasheet HTML 9Page - Diodes Incorporated AL5809 Datasheet HTML 10Page - Diodes Incorporated AL5809 Datasheet HTML 11Page - Diodes Incorporated AL5809 Datasheet HTML 12Page - Diodes Incorporated AL5809 Datasheet HTML 13Page - Diodes Incorporated AL5809 Datasheet HTML 14Page - Diodes Incorporated AL5809 Datasheet HTML 15Page - Diodes Incorporated AL5809 Datasheet HTML 16Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
AL5809
Document number: DS36625 Rev. 5 - 2
13 of 16
www.diodes.com
December 2016
© Diodes Incorporated
AL5809
Marking Information
Part Number
Package
Identification Code
AL5809-15P1-7
PowerDI123
C1
AL5809-20P1-7
PowerDI123
C2
AL5809-25P1-7
PowerDI123
CA
AL5809-30P1-7
PowerDI123
C3
AL5809-40P1-7
PowerDI123
C4
AL5809-50P1-7
PowerDI123
C5
AL5809-60P1-7
PowerDI123
C6
AL5809-90P1-7
PowerDI123
C7
AL5809-100P1-7
PowerDI123
CB
AL5809-120P1-7
PowerDI123
C8
AL5809-150P1-7
PowerDI123
C9
AL5809-15S1-7
SOD-123
D1
AL5809-20S1-7
SOD-123
D2
AL5809-25S1-7
SOD-123
DA
AL5809-30S1-7
SOD-123
D3
AL5809-40S1-7
SOD-123
D4
AL5809-50S1-7
SOD-123
D5
Package Outline Dimensions
Please see http://www.diodes.com/package-outlines.html for the latest version.
PowerDI123 (Type B)
PowerDI123
Type B
Dim Min
Max Typ
A
3.50
3.90 3.70
B
2.60
3.00 2.80
C
1.63
1.93 1.78
D
0.93
1.00 0.98
E
0.85
1.25 1.00
H
0.15
0.25 0.20
L
0.50
0.80 0.65
All Dimensions in mm
L
E
C
A
B
D
H
E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com