Electronic Components Datasheet Search
  English  ▼

X  

AL5809 Datasheet(PDF) 11 Page - Diodes Incorporated

Part # AL5809
Description  60V Two Terminal Constant Current LED Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL5809 Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button AL5809 Datasheet HTML 7Page - Diodes Incorporated AL5809 Datasheet HTML 8Page - Diodes Incorporated AL5809 Datasheet HTML 9Page - Diodes Incorporated AL5809 Datasheet HTML 10Page - Diodes Incorporated AL5809 Datasheet HTML 11Page - Diodes Incorporated AL5809 Datasheet HTML 12Page - Diodes Incorporated AL5809 Datasheet HTML 13Page - Diodes Incorporated AL5809 Datasheet HTML 14Page - Diodes Incorporated AL5809 Datasheet HTML 15Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
AL5809
Document number: DS36625 Rev. 5 - 2
11 of 16
www.diodes.com
December 2016
© Diodes Incorporated
AL5809
Typical Performance Characteristics (continued) (60mA, 90mA, 150mA PowerDI options)
Figure 20 LED Current vs. VInOut
0
20
40
60
80
100
120
140
160
0
0.5
1
1.5
2
2.5
3
VInOut [V]
60mA
90mA
150mA
TA=25⁰C
Figure 21 Startup Minimum Operating Voltage
VInOut=3.5
Temperature[
⁰C]
Figure 22 LED Current across Temperature
Figure 23 LED Current Accuracy (%) vs. VInOut across
Temperature
Figure 24 THSD of 60mA Current Option
Figure 25 THSD of 150mA Current Option
-20
0
20
40
60
80
100
120
140
160
100
110
120
130
140
150
160
LED C urrent [mA]
Teperature [⁰C]
T_Recovery
T_Shut Down
VInOut=3.5V
150mA
-10
0
10
20
30
40
50
60
70
100
110
120
130
140
150
160
LED C urrent [mA]
A bie t Tepature [⁰C]
T_Shut Down
T_Recovery
VInOut=3.5V
60mA
0
20
40
60
80
100
120
140
160
0
5
10
15
20
25
30
LED C urrent [mA]
VInOut[V]
60mA
90mA
150mA
TA=25⁰C
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com