Electronic Components Datasheet Search
  English  ▼

X  

AL5809 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # AL5809
Description  60V Two Terminal Constant Current LED Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL5809 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button AL5809 Datasheet HTML 2Page - Diodes Incorporated AL5809 Datasheet HTML 3Page - Diodes Incorporated AL5809 Datasheet HTML 4Page - Diodes Incorporated AL5809 Datasheet HTML 5Page - Diodes Incorporated AL5809 Datasheet HTML 6Page - Diodes Incorporated AL5809 Datasheet HTML 7Page - Diodes Incorporated AL5809 Datasheet HTML 8Page - Diodes Incorporated AL5809 Datasheet HTML 9Page - Diodes Incorporated AL5809 Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AL5809
Document number: DS36625 Rev. 5 - 2
6 of 16
www.diodes.com
December 2016
© Diodes Incorporated
AL5809
Application Information (continued)
PWM Dimming
The AL5809 can be used to provide LED current dimming driving the Out pin via the MOSFET switch to ground (Figure 4a) applying a PWM
signal with a frequency range between 100Hz and 200Hz. The Out pin current is then effectively switched on and off to modulate the output LED
current. The dimming effect can be achieved by varying the PWM signal duty cycle.
VIN
PWM_DIM
(ZXMN6A11Z)
IN
OUT
1
2
AL5809
a)
PWM Dimming by External MOSFET
IN
OUT
VIN
ON/OFF
Switch
AL5809
2
1
b)
PWM Dimming by Power Supply VIN ON/OFF
Figure 4 PWM Dimming
Recommended PWM Frequency and Dimming Range
PWM Frequency (Hz)
Duty Cycle (%)
Min
Max
100
5
95
200
10
90
Test conditions (Figure 4a): PWM frequency 100Hz
–200Hz Square wave, 0-4V gate voltage, VIN = 6V, 1 LED, AL5809-30mA
Use the following formula to calculate the Min and Max duty cycle:
Min. Duty cycle (%) = (tON_MIN) / (time period of the PWM signal)
Max. Duty cycle (%) = 100% - ((tOFF_MIN) / (time period of the PWM signal))
Notes: tON_MIN = 0.5mS (Min. value), and tOFF_MIN = 0.5mS (Min. value) are listed in the Electrical Characteristics table on page 4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com