Electronic Components Datasheet Search
  English  ▼

X  

ZXLD1370 Datasheet(PDF) 17 Page - Diodes Incorporated

Part # ZXLD1370
Description  60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1370 Datasheet(HTML) 17 Page - Diodes Incorporated

Back Button ZXLD1370 Datasheet HTML 13Page - Diodes Incorporated ZXLD1370 Datasheet HTML 14Page - Diodes Incorporated ZXLD1370 Datasheet HTML 15Page - Diodes Incorporated ZXLD1370 Datasheet HTML 16Page - Diodes Incorporated ZXLD1370 Datasheet HTML 17Page - Diodes Incorporated ZXLD1370 Datasheet HTML 18Page - Diodes Incorporated ZXLD1370 Datasheet HTML 19Page - Diodes Incorporated ZXLD1370 Datasheet HTML 20Page - Diodes Incorporated ZXLD1370 Datasheet HTML 21Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
ZXLD1370
Document number: DS32165 Rev. 6 - 2
17 of 40
www.diodes.com
December 2016
© Diodes Incorporated
ZXLD1370
Application Information (Cont.)
More exact equations are used in the web Calculator. These are:
V
V
V
R
R
I
V
V
D
DSON
F
IN
COIL
S
OUT
F
OUT
BUCK
for Buck
V
V
V
V
R
R
I
V
V
D
DSON
F
OUT
F
COIL
S
IN
IN
OUT
BOOST
for Boost
Equation 7

V
V
V
V
R
R
I
I
V
V
D
DSON
F
IN
OUT
COIL
S
OUT
IN
F
OUT
BB
for Buck-Boost
Where
VF
= schottky diode forward voltage, estimated for the expected coil current, ICOIL
VDSON
= MOSFET drain source voltage in the ON condition (dependent on RDSON and drain current = ICOIL)
RCOIL
= DC winding resistance of L1
The additional terms are relatively small, so the exact equations will only make a significant difference at lower operating voltages at the input
and output, i.e. low input voltage or a small number of LEDs connected in series. The estimates of VF and VDSON depend on the coil current. The
mean coil current, ICOIL depends upon the topology and upon the mean terminal currents as follows:
ILED
for Buck
ICOIL
=
IIN
for Boost
Equation 8
IIN + ILED
for Buck-Boost
ILED is the target LED current and is already known. IIN will be calculated with some accuracy later, but can be estimated now from the electrical
power efficiency. If the expected efficiency is roughly 90%, the output power POUT is 90% of the input power, PIN, and the coil current is
estimated as follows.
POUT
≈ 0.9 PIN
or
ILED N VLED
≈ 0.9 IIN VIN
Where N is the number of LEDs connected in series, and VLED is the forward voltage drop of a single LED at ILED.
So
V
9
.
0
V
N
I
I
IN
LED
LED
IN
Equation 9
Equation 9
can now be used to find ICOIL in Equation 8, which can then be used to estimate the small terms in Equation 7. This completes the
calculation of Duty Cycle and the selection of Buck, Boost or Buck-Boost topology.
An initial estimate of duty cycle is required before we can choose a coil. In Equation 7, the following approximations are recommended:
VF
= 0.5V
IIN(RS+RCOIL)
= 0.5V
IOUT(RS+RCOIL)
= 0.5V
VDSON
= 0.1V
(IIN+IOUT)(RS+RCOIL)
= 1.1V
Then Equation 7 becomes:
4
.
0
V
1
V
D
IN
OUT
BUCK
for Buck
4
.
0
V
1
V
V
D
OUT
IN
OUT
BOOST
for Boost
Equation 7a
4
.
0
V
V
6
.
1
V
D
IN
OUT
OUT
BB
for Buck-Boost



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com