Electronic Components Datasheet Search
  English  ▼

X  

ZXLD1370 Datasheet(PDF) 23 Page - Diodes Incorporated

Part # ZXLD1370
Description  60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1370 Datasheet(HTML) 23 Page - Diodes Incorporated

Back Button ZXLD1370 Datasheet HTML 19Page - Diodes Incorporated ZXLD1370 Datasheet HTML 20Page - Diodes Incorporated ZXLD1370 Datasheet HTML 21Page - Diodes Incorporated ZXLD1370 Datasheet HTML 22Page - Diodes Incorporated ZXLD1370 Datasheet HTML 23Page - Diodes Incorporated ZXLD1370 Datasheet HTML 24Page - Diodes Incorporated ZXLD1370 Datasheet HTML 25Page - Diodes Incorporated ZXLD1370 Datasheet HTML 26Page - Diodes Incorporated ZXLD1370 Datasheet HTML 27Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
ZXLD1370
Document number: DS32165 Rev. 6 - 2
23 of 40
www.diodes.com
December 2016
© Diodes Incorporated
ZXLD1370
Application Information (Cont.)
Matching the MOSFET with the controller is primarily based on the rise and fall time of the gate voltage. The best rise/fall time in the application
is based on many requirements, such as EMI (conducted and radiated), switching losses, lead/circuit inductance, switching frequency, etc. How
fast a MOSFET can be turned on and off is related to how fast the gate capacitance of the MOSFET can be charged and discharged. The
relationship between C (and the relative total gate charge QG), turn-on/turn-off time and the MOSFET driver current rating can be written as:
I
Qg
I
C
dV
dt
where
dt = turn-on/turn-off time
dV = gate voltage
C = gate capacitance = QG/V
I = drive current
– constant current source (for the given voltage value)
Here the constant current source
“I” usually is approximated with the peak drive current at a given driver input voltage.
(Example 1)
Using the DMN6068 MOSFET (VDS(MAX) = 60V, ID(MAX) = 8.5A):
 QG = 10.3nC at VGS = 10V
ZXLD1370 IPEAK = I GATE = 300mA
ns
35
mA
300
nC
3
.
10
I
Q
dt
PEAK
g
Assuming that cumulatively the rise time and fall time can account for a maximum of 10% of the period, the maximum frequency allowed in this
condition is:
tPERIOD = 20*dt
f = 1/ tPERIOD = 1.43MHz
This frequency is well above the max frequency the device can handle, therefore the DNM6068 can be used with the ZXLD1370 in the whole
spectrum of frequencies recommended for the device (from 300kHz to 1MHz).
(Example 2)
Using the ZXMN6A09K (VDS(MAX) = 60V, ID(MAX) = 12.2A):
 QG = 29nC at VGS = 10V
ZXLD1370 IPEAK = 300mA
ns
97
mA
300
nC
29
I
Q
dt
PEAK
g
Assuming that cumulatively the rise time and fall time can account for a maximum of 10% of the period, the maximum frequency allowed in this
condition is:
tPERIOD = 20*dt
f = 1/ tPERIOD = 515kHz
This frequency is within the recommended frequency range the device can handle, therefore the ZXMN6A09K is recommended to be used with
the ZXLD1370 for frequencies from 300kHz to 500kHz.
The recommended total gate charge for the MOSFET used in conjunction with the ZXLD1370 is less than 30nC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com