Electronic Components Datasheet Search
  English  ▼

X  

ZXLD1370 Datasheet(PDF) 32 Page - Diodes Incorporated

Part # ZXLD1370
Description  60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1370 Datasheet(HTML) 32 Page - Diodes Incorporated

Back Button ZXLD1370 Datasheet HTML 28Page - Diodes Incorporated ZXLD1370 Datasheet HTML 29Page - Diodes Incorporated ZXLD1370 Datasheet HTML 30Page - Diodes Incorporated ZXLD1370 Datasheet HTML 31Page - Diodes Incorporated ZXLD1370 Datasheet HTML 32Page - Diodes Incorporated ZXLD1370 Datasheet HTML 33Page - Diodes Incorporated ZXLD1370 Datasheet HTML 34Page - Diodes Incorporated ZXLD1370 Datasheet HTML 35Page - Diodes Incorporated ZXLD1370 Datasheet HTML 36Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 40 page
background image
ZXLD1370
Document number: DS32165 Rev. 6 - 2
32 of 40
www.diodes.com
December 2016
© Diodes Incorporated
ZXLD1370
Application Information (Cont.)
Overvoltage Protection
The ZXLD1370 is inherently protected against open-circuit load when used in Buck configuration. However, care has to be taken with open-
circuit load conditions in Buck-Boost or Boost configurations. This is because in these configurations there is no internal open-circuit protection
mechanism for the external MOSFET. In this case an Overvoltage Protection (OVP) network should be provided externally to the MOSFET to
avoid damage due to open circuit conditions. This is shown in Figure 38 below, highlighted in the dotted blue box.
Figure 38 OVP circuit
The zener voltage is determined according to: VZ = VLEDMAX +10% where VLEDMAX is maximum LED chain voltage.
If the LEDA voltage exceeds VZ the gate of MOSFET Q2 will rise turning Q2 on. This will pull the PWM pin low and switch off Q1 until the voltage
on the drain of Q1 falls below VZ. If the voltage at LEDA remains above VZ for longer than 20ms then the ZXLD1370 will enter into a shutdown
state.
Care should be taken such that the maximum gate voltage of the Q2 MOSFET is not exceeded.
Take care of the max voltage drop on the Q2 MOSFET gate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com