Electronic Components Datasheet Search
  English  ▼

X  

ZXLD1370 Datasheet(PDF) 30 Page - Diodes Incorporated

Part # ZXLD1370
Description  60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1370 Datasheet(HTML) 30 Page - Diodes Incorporated

Back Button ZXLD1370 Datasheet HTML 26Page - Diodes Incorporated ZXLD1370 Datasheet HTML 27Page - Diodes Incorporated ZXLD1370 Datasheet HTML 28Page - Diodes Incorporated ZXLD1370 Datasheet HTML 29Page - Diodes Incorporated ZXLD1370 Datasheet HTML 30Page - Diodes Incorporated ZXLD1370 Datasheet HTML 31Page - Diodes Incorporated ZXLD1370 Datasheet HTML 32Page - Diodes Incorporated ZXLD1370 Datasheet HTML 33Page - Diodes Incorporated ZXLD1370 Datasheet HTML 34Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 40 page
background image
ZXLD1370
Document number: DS32165 Rev. 6 - 2
30 of 40
www.diodes.com
December 2016
© Diodes Incorporated
ZXLD1370
Application Information (Cont.)
FLAG/STATUS Outputs
The FLAG/STATUS outputs provide a warning of extreme operating or fault conditions. FLAG is an open-drain logic output, which is normally off,
but switches low to indicate that a warning, or fault condition exists. STATUS is a DAC output, which is normally high (4.5V), but switches to a
lower voltage to indicate the nature of the warning/fault.
Conditions monitored, the method of detection and the nominal STATUS output voltage are given in the following table:
Table 2
Warning/Fault Condition
Severity
(Note 17)
Monitored Parameters
FLAG
Nominal STATUS Voltage
Normal Operation
—
—
H
4.5
Supply Undervoltage
1
VAUX<5.6V
L
4.5
2
VIN<5.6V
L
3.6
Output Current Out of Regulation
(Note 18)
2
VSHP outside normal voltage
range
L
3.6
Driver Stalled with
Switch ‘On’, or ‘Off’
(Note 19)
2
tON, or tOFF>100µs
L
3.6
Device Temperature Above Maximum
Recommended Operating Value
3
TJ>+125°C
L
1.8
Sense Resistor Current IRS Above
Specified Maximum
4
VSENSE>0.32V
L
0.9
Notes:
17. Severity 1 denotes lowest severity.
18. This warning will be indicated if the output power demand is higher than the available input power; the loop may not be able to maintain regulation.
19. This warning will be indicated if the gate pin stays at the same level for greater than 100µs (e.g., the output transistor cannot pass enough current
to reach the upper switching threshold).
VREF
0V
0A
Normal
Operations
SEVERITY
4.5V
3.6V
2.7V
1.8V
0.9V
VAUX
UVLO
- VIN UVLO
- STALL
- OUT of REG
Over
Temperature
Over
Current
0
1
2
3
4
Figure 35 Status Levels
In the event of more than one fault/warning condition occurring, the higher severity condition will take precedence. E.g.,
‘Excessive Coil Current’
and ‘Out of Regulation’ occurring together will produce an output of 0.9V on the STATUS pin.
If VADJ>1.7V, VSENSE may be greater than the excess coil current threshold in normal operation and an error will be reported. Hence, STATUS
and FLAG are only guaranteed for VADJ<=VREF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com