Electronic Components Datasheet Search
  English  ▼

X  

OPA187IDBVT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # OPA187IDBVT
Description  0.001-關V/째C Drift, Low Power, Rail-to-Rail Output 36-V Operational Amplifiers Zero-Drift Series
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA187IDBVT Datasheet(HTML) 4 Page - Texas Instruments

  OPA187IDBVT Datasheet HTML 1Page - Texas Instruments OPA187IDBVT Datasheet HTML 2Page - Texas Instruments OPA187IDBVT Datasheet HTML 3Page - Texas Instruments OPA187IDBVT Datasheet HTML 4Page - Texas Instruments OPA187IDBVT Datasheet HTML 5Page - Texas Instruments OPA187IDBVT Datasheet HTML 6Page - Texas Instruments OPA187IDBVT Datasheet HTML 7Page - Texas Instruments OPA187IDBVT Datasheet HTML 8Page - Texas Instruments OPA187IDBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 45 page
background image
1
OUT A
14
OUT D
2
±IN A
13
±IN D
3
+IN A
12
+IN D
4
V+
11
V±
5
+IN B
10
+IN C
6
±IN B
9
±IN C
7
OUT B
8
OUT C
Not to scale
4
OPA187, OPA2187, OPA4187
SBOS807D – DECEMBER 2016 – REVISED DECEMBER 2018
www.ti.com
Product Folder Links: OPA187 OPA2187 OPA4187
Submit Documentation Feedback
Copyright © 2016–2018, Texas Instruments Incorporated
OPA4187: D and PW Packages
14-pin SOIC and 14-Pin TSSOP
Top View
OPA4187: RUM Package (Preview)
16-pin WQFN
Top View
Pin Functions: OPA4187
PIN
I/O
DESCRIPTION
NAME
D and PW
RUM
+IN A
3
2
I
Non-inverting input, channel A
–IN A
2
1
I
Inverting input, channel A
+IN B
5
4
I
Non-inverting input, channel B
–IN B
6
5
I
Inverting input, channel B
+IN C
10
9
I
Non-inverting input, channel C
–IN C
9
8
I
Inverting input, channel C
+IN D
12
11
I
Non-inverting input, channel D
–IN D
13
12
I
Inverting input, channel D
OUT A
1
15
O
Output, channel A
OUT B
7
6
O
Output, channel B
OUT C
8
7
O
Output, channel C
OUT D
14
14
O
Output, channel D
V+
4
3
—
Positive (highest) supply voltage
V–
11
10
—
Negative (lowest) supply voltage
NC
—
13, 16
—
No internal connection (can be left floating)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com