Electronic Components Datasheet Search
  English  ▼

X  

OPA187IDBVT Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # OPA187IDBVT
Description  0.001-關V/째C Drift, Low Power, Rail-to-Rail Output 36-V Operational Amplifiers Zero-Drift Series
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA187IDBVT Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPA187IDBVT Datasheet HTML 9Page - Texas Instruments OPA187IDBVT Datasheet HTML 10Page - Texas Instruments OPA187IDBVT Datasheet HTML 11Page - Texas Instruments OPA187IDBVT Datasheet HTML 12Page - Texas Instruments OPA187IDBVT Datasheet HTML 13Page - Texas Instruments OPA187IDBVT Datasheet HTML 14Page - Texas Instruments OPA187IDBVT Datasheet HTML 15Page - Texas Instruments OPA187IDBVT Datasheet HTML 16Page - Texas Instruments OPA187IDBVT Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 45 page
background image
Time (40 ms/div)
C017
V
OUT
V
IN
Time (2 µs/div)
C017
V
IN
V
OUT
0.1
1
10
100
1000
10000
10
100
1k
10k
100k
1M
10M
100M
Frequency (Hz)
C001
10
20
30
40
50
60
70
10
100
Capacitive Load (pF)
RISO = 0
Ÿ
RISO = 25
Ÿ
RISO = 50
Ÿ
C004
0
30
60
90
120
150
±75
±50
±25
0
25
50
75
100
125
150
Temperature (
ƒC)
C001
0.0001
0.001
0.01
0.1
140
150
160
170
180
190
200
±75 ±50 ±25
0
25
50
75
100 125 150
Temperature (
ƒC)
C001
V
S = ± 18 V
V
S = ± 2.25 V
13
OPA187, OPA2187, OPA4187
www.ti.com
SBOS807D – DECEMBER 2016 – REVISED DECEMBER 2018
Product Folder Links: OPA187 OPA2187 OPA4187
Submit Documentation Feedback
Copyright © 2016–2018, Texas Instruments Incorporated
at VS = ±18 V, VCM = VS / 2, RLOAD = 10 kΩ connected to VS / 2, and CL = 100 pF (unless otherwise noted)
Figure 19. Quiescent Current vs Temperature
Figure 20. Open-Loop Gain vs Temperature
Figure 21. Open-Loop Output Impedance vs Frequency
Figure 22. Small-Signal Overshoot vs
Capacitive Load (G = +1) (10-mV Output Step)
Figure 23. No Phase Reversal
Figure 24. Positive Overload Recovery



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com