Electronic Components Datasheet Search
  English  ▼

X  

OPA187IDBVT Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # OPA187IDBVT
Description  0.001-關V/째C Drift, Low Power, Rail-to-Rail Output 36-V Operational Amplifiers Zero-Drift Series
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA187IDBVT Datasheet(HTML) 9 Page - Texas Instruments

Back Button OPA187IDBVT Datasheet HTML 5Page - Texas Instruments OPA187IDBVT Datasheet HTML 6Page - Texas Instruments OPA187IDBVT Datasheet HTML 7Page - Texas Instruments OPA187IDBVT Datasheet HTML 8Page - Texas Instruments OPA187IDBVT Datasheet HTML 9Page - Texas Instruments OPA187IDBVT Datasheet HTML 10Page - Texas Instruments OPA187IDBVT Datasheet HTML 11Page - Texas Instruments OPA187IDBVT Datasheet HTML 12Page - Texas Instruments OPA187IDBVT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 45 page
background image
9
OPA187, OPA2187, OPA4187
www.ti.com
SBOS807D – DECEMBER 2016 – REVISED DECEMBER 2018
Product Folder Links: OPA187 OPA2187 OPA4187
Submit Documentation Feedback
Copyright © 2016–2018, Texas Instruments Incorporated
6.9 Typical Characteristics
Table 1. Typical Characteristic Graphs
DESCRIPTION
FIGURE
Offset Voltage Production Distribution
Figure 1
Offset Voltage Drift Distribution
Figure 2
Offset Voltage vs Temperature
Figure 3
Offset Voltage vs Common-Mode Voltage
Figure 4
Offset Voltage vs Power Supply
Figure 5
Open-Loop Gain and Phase vs Frequency
Figure 6
Closed-Loop Gain vs Frequency
Figure 7
IB vs Common-Mode Voltage
Figure 8
Input Bias Current vs Temperature
Figure 9
Output Voltage Swing vs Output Current
Figure 10
CMRR and PSRR vs Frequency (Referred-to-Input)
Figure 11
CMRR vs Temperature
Figure 12
PSRR vs Temperature
Figure 13
0.1-Hz to 10-Hz Noise
Figure 14
Input Voltage Noise Spectral Density vs Frequency
Figure 15
THD+N Ratio vs Frequency
Figure 16
THD+N vs Output Amplitude
Figure 17
Quiescent Current vs Supply Voltage
Figure 18
Quiescent Current vs Temperature
Figure 19
Open-Loop Gain vs Temperature
Figure 20
Open-Loop Output Impedance vs Frequency
Figure 21
Small-Signal Overshoot vs Capacitive Load (G = 1) (10-mV Output Step)
Figure 22
No Phase Reversal
Figure 23
Positive Overload Recovery
Figure 24
Negative Overload Recovery
Figure 25
Small-Signal Step Response (10 mV)
Figure 26, Figure 27
Large-Signal Step Response
Figure 28, Figure 29
Large-Signal Settling Time (10-V Positive Step)
Figure 30
Large-Signal Settling Time (10-V Negative Step)
Figure 31
Short-Circuit Current vs Temperature
Figure 32
Maximum Output Voltage vs Frequency
Figure 33
Crosstalk vs Frequency
Figure 34
EMIRR IN+ vs Frequency
Figure 35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com