Electronic Components Datasheet Search
  English  ▼

X  

OPA187IDBVT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # OPA187IDBVT
Description  0.001-關V/째C Drift, Low Power, Rail-to-Rail Output 36-V Operational Amplifiers Zero-Drift Series
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA187IDBVT Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA187IDBVT Datasheet HTML 3Page - Texas Instruments OPA187IDBVT Datasheet HTML 4Page - Texas Instruments OPA187IDBVT Datasheet HTML 5Page - Texas Instruments OPA187IDBVT Datasheet HTML 6Page - Texas Instruments OPA187IDBVT Datasheet HTML 7Page - Texas Instruments OPA187IDBVT Datasheet HTML 8Page - Texas Instruments OPA187IDBVT Datasheet HTML 9Page - Texas Instruments OPA187IDBVT Datasheet HTML 10Page - Texas Instruments OPA187IDBVT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 45 page
background image
7
OPA187, OPA2187, OPA4187
www.ti.com
SBOS807D – DECEMBER 2016 – REVISED DECEMBER 2018
Product Folder Links: OPA187 OPA2187 OPA4187
Submit Documentation Feedback
Copyright © 2016–2018, Texas Instruments Incorporated
(1)
VS / 2 = midsupply.
6.7
Electrical Characteristics: High-Voltage Operation
at TA = +25°C, VS = ±4 V to ±18 V (VS = +8 V to +36 V), RL = 10 kΩ connected to VS / 2
(1), and V
CM = VOUT = VS / 2
(1) (unless
otherwise noted)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
OFFSET VOLTAGE
VOS
Input offset voltage
±1
±10
μV
TA = –40°C to +125°C
±0.001
±0.015
μV/°C
PSRR
Power-supply rejection ratio
VS = 4.5 V to 36 V, TA = –40°C to
+125°C
±0.01
±1
μV/V
INPUT BIAS CURRENT
IB
Input bias current
VCM = VS / 2
±100
±350
pA
TA = –40°C to +125°C
±7.5
nA
IOS
Input offset current
±100
±500
pA
TA = –40°C to +125°C
±14.5
nA
NOISE
en
Input voltage noise
f = 0.1 Hz to 10 Hz
0.4
µVPP
f = 0.1 Hz to 10 Hz
60
nVrms
Input voltage noise density
f = 1 kHz
20
nV/
√Hz
in
Input current noise density
f = 1 kHz
160
fA/
√Hz
INPUT VOLTAGE RANGE
VCM
Common-mode voltage range
(V–) – 0.1
(V+) – 2
V
CMRR
Common-mode rejection ratio
(V–) – 0.1 V < VCM < (V+) – 2 V, VS =
±18 V
126
140
dB
(V–) < VCM < (V+) – 2 V, VS = ±18 V,
TA = –40°C to +125°C
130
145
dB
INPUT IMPEDANCE
ZID
Differential
100 || 6
MΩ || pF
ZIC
Common-mode
6 || 4.2
1012 Ω || pF
OPEN-LOOP GAIN
AOL
Open-loop voltage gain
TA = –40°C to +125°C, VS = ±4 V to ±18
V, (V–) + 0.3 V < VO < (V+) – 0.3 V, RL =
10 k
Ω
132
160
dB
FREQUENCY RESPONSE
GBW
Gain-bandwidth product
550
kHz
SR
Slew rate
VO = 10-V step, G = +1
0.2
V/μs
tS
Settling time
0.1%
VS = ±18 V, G = 1, 10-V step
46
μs
0.01%
VS = ±18 V, G = 1, 10-V step
48
μs
tOR
Overload recovery time
VIN × G = VS
8
μs
THD+N
Total harmonic distortion + noise
1 kHz, G = +1, VOUT = 3.5 VRMS, No
Load
0.035%
OUTPUT
Voltage output swing from rail
VS = ±4 V to ±18 V, No Load
5
15
mV
VS = ±4 V to ±18 V, RL = 10 kΩ
75
100
VS = ±4 V to ±18 V, RL = 10 kΩ, TA =
–40°C to +125°C
100
125
ISC
Short-circuit current
VS = ±18 V, Sinking
–30
mA
VS = ±18 V, Sourcing
+30
mA
RO
Open-loop output resistance
f = 550 kHz, IO = 0, See Figure 21
1.4
kΩ
CLOAD
Capacitive load drive
See Typical Characteristics
POWER SUPPLY
IQ
Quiescent current (per amplifier)
VS = ±4 V to VS = ±18 V
100
145
μA
IO = 0 mA, TA = –40°C to +125°C
150
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com