Electronic Components Datasheet Search
  English  ▼

X  

ATSAM3303 Datasheet(PDF) 12 Page - ATMEL Corporation

Part # ATSAM3303
Description  GM-Lite Synthesizer/Professional Effects DSP
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM3303 Datasheet(HTML) 12 Page - ATMEL Corporation

Back Button ATSAM3303 Datasheet HTML 8Page - ATMEL Corporation ATSAM3303 Datasheet HTML 9Page - ATMEL Corporation ATSAM3303 Datasheet HTML 10Page - ATMEL Corporation ATSAM3303 Datasheet HTML 11Page - ATMEL Corporation ATSAM3303 Datasheet HTML 12Page - ATMEL Corporation ATSAM3303 Datasheet HTML 13Page - ATMEL Corporation ATSAM3303 Datasheet HTML 14Page - ATMEL Corporation ATSAM3303 Datasheet HTML 15Page - ATMEL Corporation ATSAM3303 Datasheet HTML 16Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
12
ATSAM3303
6091A–DRMSD–07/04
Electrical Characteristics
Absolute Maximum Ratings(*)
Recommended Operating Conditions
Note:
1. Operation at lower V
C33 values down to VC18 is possible, however external timing may be impaired. Please contact Atmel if
you plan to use these circuits with V
C33 outside the recommended operating range.
Ambient Temperature (power applied)................-40
°C to 85°C
*NOTICE:
Stresses beyond those listed under "Absolute
Maximum Ratings" may cause permanent dam-
age to the device. This is a stress rating only and
functional operation of the device at these or any
other conditions beyond those indicated in the
Recommended Operating Conditions of this
specification is not implied. Exposure to absolute
maximum rating conditions for extended periods
may affect device reliability.
Storage Temperature ........................................-65
°C to 150°C
Voltage on any pin
X1, LFT ....................................................... -0.3 to V
C18 + 0.3V
Others ......................................................... -0.3 to V
C33 + 0.3V
Supply Voltage..........................................................................
V
C18.................................................................... -0.3V to 1.95V
V
C3 ....................................................................... -0.3V to 3.6V
Maximum IOL per I/O pin................................................. 4 mA
Table 5. Recommended Operating Conditions
Symbol
Parameter
Min
Typ
Max
Unit
V
C18
Supply voltage
1.65
1.8
1.95
V
V
C33
Supply voltage(1)
33.3
V
C18 + 1.5
3.6
V
PWRIN
Supply voltage PWRIN pin
1.75
1.9
1.95
V
T
A
Operating ambient temperature
0
-
70
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com