Electronic Components Datasheet Search
  English  ▼

X  

ATSAM3303 Datasheet(PDF) 15 Page - ATMEL Corporation

Part # ATSAM3303
Description  GM-Lite Synthesizer/Professional Effects DSP
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM3303 Datasheet(HTML) 15 Page - ATMEL Corporation

Back Button ATSAM3303 Datasheet HTML 11Page - ATMEL Corporation ATSAM3303 Datasheet HTML 12Page - ATMEL Corporation ATSAM3303 Datasheet HTML 13Page - ATMEL Corporation ATSAM3303 Datasheet HTML 14Page - ATMEL Corporation ATSAM3303 Datasheet HTML 15Page - ATMEL Corporation ATSAM3303 Datasheet HTML 16Page - ATMEL Corporation ATSAM3303 Datasheet HTML 17Page - ATMEL Corporation ATSAM3303 Datasheet HTML 18Page - ATMEL Corporation ATSAM3303 Datasheet HTML 19Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
15
ATSAM3303
6091A–DRMSD–07/04
IO Status Register
Status register is read when A0 = 1, RD = 0, CS = 0.
• TE: Transmit empty
If 0, data from ATSAM3303 to host is pending and IRQ is high. Reading the data at A0 = 0 will set TE to 1 and clear IRQ.
• RF: Receiver full
If 0, then ATSAM3303 is ready to accept DATA from host.
Note:
If status bit RF is not checked by host, write cycle time should not be lower than 3 µs.
SmartMedia and Other
Peripheral Interfaces
This is a master 8-bit parallel interface, allowing connection to SmartMedia or other
peripherals such as LCD screens.
Pins used: I/O7-I/O0 (I/O), SMPD (input), SMCE, SMALE, SMCLE, SMRE, SMWE
(outputs)
All these pins are fully under firmware control, therefore timing compatibility is ensured
by firmware only.
EEPROM/DataFlash
Interface
This is a master synchronous serial interface, operating in SPI mode 0.
Pins used: DFCS, DFSI, DFSCK (outputs), DFSO (input)
The DFSCK frequency is firmware programmable from fck to fck/64, where fck is the
crystal frequency. Thus a large variety of EEPROM/DataFlash devices can be
accomodated.
Please refer to Atmel DataFlash datasheets for accurate SPI mode 0 timing.
Figure 7. Typical DataFlash Interface Timing
76
543
21
0
TE
RF
XX
XX
XX
LSB
MSB
DFSCK
DFSI
DFSO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com