Electronic Components Datasheet Search
  English  ▼

X  

ATSAM3303 Datasheet(PDF) 19 Page - ATMEL Corporation

Part # ATSAM3303
Description  GM-Lite Synthesizer/Professional Effects DSP
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM3303 Datasheet(HTML) 19 Page - ATMEL Corporation

Back Button ATSAM3303 Datasheet HTML 15Page - ATMEL Corporation ATSAM3303 Datasheet HTML 16Page - ATMEL Corporation ATSAM3303 Datasheet HTML 17Page - ATMEL Corporation ATSAM3303 Datasheet HTML 18Page - ATMEL Corporation ATSAM3303 Datasheet HTML 19Page - ATMEL Corporation ATSAM3303 Datasheet HTML 20Page - ATMEL Corporation ATSAM3303 Datasheet HTML 21Page - ATMEL Corporation ATSAM3303 Datasheet HTML 22Page - ATMEL Corporation ATSAM3303 Datasheet HTML 23Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
19
ATSAM3303
6091A–DRMSD–07/04
External Memory
Pins used: WA21 - WA0: address out, WD15 - WD0: data bi-directional, WCS0, WCS1:
pre-decodes out, WOE: output enable, WWE: write
When using all address bits, the maximum address range is two pages (WCS0, WCS1)
of 4M words (total = 16 Mbytes).
Figure 12. ROM/Flash Read Cycle
Notes:
1. A built-in PLL multiplies the crystal clock frequency by 4 for internal use. p
LCK is the period of the internal clock generated by
PLL. p
LCK = tCK/4. Typical value with crystal 12.288 MHz is pLCK = 20 ns.
2. Memory access time should be lower than t
ACEmin. Typical value with crystal 12.288 MHz is 90 ns.
tRC
tCSOE
tPOE
tACE
tOE
tDF
WA0 - WA21
WD0 - WD15
WCS0
WOE
WCS1
Table 10. External Memory Parameters
Symbol
Parameter
Min
Typ
Max
Unit
t
RC
Read cycle time
5 * p
LCK
-6 * p
LCK
ns
t
CSOE
Chip select low/address valid to WOE low
2 * p
LCK - 5
-
3 * p
LCK + 5
ns
t
POE
Output enable pulse width
-
3 * p
LCK
-ns
t
ACE
Chip select/address access time
5 * p
LCK - 5
-
-
ns
t
OE
Output enable access time
3 * p
LCK - 5
-
-
ns
t
DF
Chip select or WOE high to input data Hi-Z
0
-
2 * p
LCK - 5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com