Electronic Components Datasheet Search
  English  ▼

X  

ATSAM3303 Datasheet(PDF) 17 Page - ATMEL Corporation

Part # ATSAM3303
Description  GM-Lite Synthesizer/Professional Effects DSP
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM3303 Datasheet(HTML) 17 Page - ATMEL Corporation

Back Button ATSAM3303 Datasheet HTML 13Page - ATMEL Corporation ATSAM3303 Datasheet HTML 14Page - ATMEL Corporation ATSAM3303 Datasheet HTML 15Page - ATMEL Corporation ATSAM3303 Datasheet HTML 16Page - ATMEL Corporation ATSAM3303 Datasheet HTML 17Page - ATMEL Corporation ATSAM3303 Datasheet HTML 18Page - ATMEL Corporation ATSAM3303 Datasheet HTML 19Page - ATMEL Corporation ATSAM3303 Datasheet HTML 20Page - ATMEL Corporation ATSAM3303 Datasheet HTML 21Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
17
ATSAM3303
6091A–DRMSD–07/04
Figure 9. Digital Audio
t
C is related to tCK, the crystal period at X1 as follows:
The choice of sample frequency is done by the firmware.
Figure 10. Digital Audio Frame Format, 128 x Fs and 256 x Fs Modes
tCW
WSBD
tCW
tCLBD
tSOD
tSOD
CLBD
DABD3 - 0
DAAD3 - 0
Table 8. Digital Audio Timing Parameters
Symbol
Parameter
Min
Typ
Max
Unit
t
CW
CLBD rising to WSBD change
t
C - 10
ns
t
SOD
DABD valid prior/after CLBD rising
t
C - 10
ns
t
CLBD
CLBD cycle time
2 * t
C
ns
Table 9. Sample Frequency
Sample Frequency
WSBD
Typical Sample
Frequency
t
C
CLBD/WSBD
Frequency Ratio
1/(t
CK * 128)
96 kHz
t
CK
64
1/(t
CK * 192)
64 kHz
2 * t
CK
48
1/(t
CK * 256)
48 kHz
2 * t
CK
64
1/(t
CK * 384)
32 kHz
4 * t
CK
48
WSBD
DABD3 - 0
DAAD3 - 0
CLBD
MSB
LSB
16 bits
LSB
24 bits
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com