Electronic Components Datasheet Search
  English  ▼

X  

AVR465 Datasheet(PDF) 19 Page - ATMEL Corporation

Part # AVR465
Description  Single-Phase Power/Energy Meter with Tamper Detection
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AVR465 Datasheet(HTML) 19 Page - ATMEL Corporation

Back Button AVR465 Datasheet HTML 15Page - ATMEL Corporation AVR465 Datasheet HTML 16Page - ATMEL Corporation AVR465 Datasheet HTML 17Page - ATMEL Corporation AVR465 Datasheet HTML 18Page - ATMEL Corporation AVR465 Datasheet HTML 19Page - ATMEL Corporation AVR465 Datasheet HTML 20Page - ATMEL Corporation AVR465 Datasheet HTML 21Page - ATMEL Corporation AVR465 Datasheet HTML 22Page - ATMEL Corporation AVR465 Datasheet HTML 23Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 40 page
background image
AVR465
19
2566A-AVR-07/04
Here P is active power in watts and MC is the meter constant in impulses/kilowatt-
hour. Note, that the pulse frequency also depends on the system clock. The above
equation assumes a system clock of 4MHz.
The calibration coefficient is treated as a 16-bit, unsigned integer.
The Energy Pulse output is typically wired to an LED and used for calibration and
verification purposes. The pulse must be sufficiently long to light the LED for an
optical reader to register it, but also sufficiently short to allow a reasonably high output
frequency. The default is 50ms active time, which limits the frequency to about 10Hz.
At 4MHz system clock, 10A max current and 230V nominal voltage, this means the
maximum meter constant is about 15000 imp/kWh. To increase the meter constant
above this, the maximum current and the pulse length must be decreased.
Another limitation is the quantization of the pulse interval. At default system clock
(4MHz) and default T/C prescaler (1024), the timer is updated once every
1024/4000000 = 0.256ms. Assuming highest default pulse rate (10Hz) the pulse
interval is 100ms and the highest quantization inaccuracy is +/-(0.256/100) = +/-
0.256%. For practical purposes it is recommended to scale system clock, maximum
current and meter constant such that the timer/counter interval never goes below,
say, 500 timer ticks. By default (4MHz, 10A, 230V, 10000imp/kWh) the pulse interval
will not go below 500 ticks.
A pulse pair is provided to drive a stepper-motor counter. Typically, the required
display pulse rate is much lower than the energy pulse rate. The pulse rate, fDP, can
be adjusted using the DPC calibration coefficient, as follows:
Equation 26.
Effect of Display Pulse Constant.
DPC
f
f
EP
DP =
Here fEP is the energy pulse rate. The 16-bit display constant is treated unsigned.
The EEPROM layout of calibration coefficients is shown in the table below. All
coefficients are 16-bit wide and stored with high byte first, then low byte.
Table 6.
Calibration Coefficient Layout in EEPROM.
ADDR.
+ 0x00
+ 0x01
+ 0x02
+ 0x03
+ 0x04
+ 0x05
+ 0x06
+ 0x07
0x00
PCC0
PCC1
PCC2
ILG0
0x08
ILG1
ILG2
ING0
ING1
0x10
ING2
UG
MC
DPC
0x18
CRCW
CRC16
PCC is the phase calibration coefficient and ILG and ING are the current gain
coefficients for live and neutral wires, respectivelty. UG is the voltage gain coefficient,
MC the meter constant and DPC the display pulse constant. CRC16 contains the
checksum for the low 32 bytes of the EEPROM. If CRCW is set to to 0x4357 then the
checksum is calculated by the firmware and written to CRC16.
Limitations
Display Constant
Coefficient Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com