Electronic Components Datasheet Search
  English  ▼

X  

AVR465 Datasheet(PDF) 37 Page - ATMEL Corporation

Part # AVR465
Description  Single-Phase Power/Energy Meter with Tamper Detection
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AVR465 Datasheet(HTML) 37 Page - ATMEL Corporation

Back Button AVR465 Datasheet HTML 32Page - ATMEL Corporation AVR465 Datasheet HTML 33Page - ATMEL Corporation AVR465 Datasheet HTML 34Page - ATMEL Corporation AVR465 Datasheet HTML 35Page - ATMEL Corporation AVR465 Datasheet HTML 36Page - ATMEL Corporation AVR465 Datasheet HTML 37Page - ATMEL Corporation AVR465 Datasheet HTML 38Page - ATMEL Corporation AVR465 Datasheet HTML 39Page - ATMEL Corporation AVR465 Datasheet HTML 40Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 37 / 40 page
background image
AVR465
37
2566A-AVR-07/04
Bill of Material
Order codes are according to Farnell catalogue in 2004. Display counter and current
transformers are not part of the inventory.
Table 14.
Bill of Material.
Reference
Component
Value
Order Code
C10
Capacitor, X2, Metallised Polyester
0.68 uF
3549460
C11
Capacitor, Electrolytic, 16V
470 uF
3201508
C12, C31, C57
Capacitor, Electrolytic, 16V
10 uF
3201454
C20, C30, C40
Capacitor, Electrolytic, 16V
47 uF
3201478
C50 … C56
Capacitor, Ceramic
100 nF
896755
C58, C59
Capacitor, Ceramic
18 pF
236950
D10
Diode, Zener, 500mW, 15V
BZX55-C15
369081
D11
Diode, 1A, 400V
1N4004
251707
D50, D51
LED, Red, 5mm, Low Current
HLMP-4700
323135
D52
LED, Yellow, 5mm, Low Current
HLMP-4719
323147
J1
Straight Pin Header, 6-way
2x3
511079
J2
Straight Pin Header, 2-way
1x2
143187
R10
Resistor, 1W, 500V, 5%, Carbon Film
470 Ω
510476
R20, R23, R37
Resistor, 0.4W, 5%, Metal Film
680 kΩ
333037
R21, R24, R35, R45 Resistor, 0.4W, 5%, Metal Film
1 kΩ
332690
R22, R36
Resistor, 0.4W, 5%, Metal Film
3.3 MΩ
333116
R30, R40
Resistor, 0.4W, 5%, Metal Film
68 Ω
332550
R31, R41
Resistor, 0.4W, 5%, Metal Film
6.8 kΩ
332793
R32, R42
Resistor, 0.4W, 5%, Metal Film
39 kΩ
332884
R33, R43
Resistor, 0.4W, 5%, Metal Film
330 kΩ
332999
R34, R44
Resistor, 0.4W, 5%, Metal Film
470 kΩ
333013
R50, R51, R52
Resistor, 0.125W, 5%, Carbon Film
1 kΩ
477783
R53, R54
Resistor, 0.125W, 5%, Carbon Film
10 Ω
477667
T1, T2
Current Transformer, Tae Hwa Trans
TD76V
N/a
U1
8-Bit AVR® Microcontroller
Atmega88
N/a
U2
Dual, Low-Voltage, Rail-to-Rail Op Amp LMV358
3555768
U3
Quad Bilateral Switch
CD4066BCN
380957
U4
Linear Regulator, 3.3V
LM1117MP-3.3 120765
V1
Varistor, 40J
250 V
318619
X1
Crystal, Quartz
4.000 MHz
492917
Z1
Display Counter
N/a
This Bill Of Materials does not include any price estimates, since local variations can
be large.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com