Electronic Components Datasheet Search
  English  ▼

X  

AVR465 Datasheet(PDF) 22 Page - ATMEL Corporation

Part # AVR465
Description  Single-Phase Power/Energy Meter with Tamper Detection
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AVR465 Datasheet(HTML) 22 Page - ATMEL Corporation

Back Button AVR465 Datasheet HTML 18Page - ATMEL Corporation AVR465 Datasheet HTML 19Page - ATMEL Corporation AVR465 Datasheet HTML 20Page - ATMEL Corporation AVR465 Datasheet HTML 21Page - ATMEL Corporation AVR465 Datasheet HTML 22Page - ATMEL Corporation AVR465 Datasheet HTML 23Page - ATMEL Corporation AVR465 Datasheet HTML 24Page - ATMEL Corporation AVR465 Datasheet HTML 25Page - ATMEL Corporation AVR465 Datasheet HTML 26Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
22
AVR465
2566A-AVR-07/04
For stand-alone operation, the meter is simply connected to the mains wires as
illustrated in the schematic. The meter automatically starts to measure power and
stores energy consumption data in the display counter. Note that the meter needs to
be calibrated before reliable measurement data can be expected.
For programming, calibration and testing purposes the meter needs to be temporarily
connected to external hardware, such as a computer or a microcontroller. The
external hardware writes the firmware into the FLASH memory of the meter MCU. It
then assesses the accuracy of the meter and writes calibration data into the
EEPROM of the MCU. The meter is ready to run in stand-alone mode after
programming and calibration has completed successfully.
A general illustration on how to connect the meter for programming, calibration and
metering is shown in Figure 12. Please note that this is a generalized block schematic
and does not include all recommended safety precautions.
Figure 12.
Connecting the Meter to External Hardware.
465
STK500,
AVRISP,
JTAGICE mkII,
or similar
SIGNAL
GENERATOR
HIGH
VOLTAGE
& CURRENT
USART
ISP
STK500,
or similar
Computer
running
AVR Studio
and
terminal
RS-232
RS-232
It is recommended to create a galvanic isolation barrier between the mains-coupled
meter and the other hardware. This can be done using optocouplers at the ISP and
USART interface or at the RS-232 interface. Optocoupling both ISP and USART
makes the STK500 and debugger “safe”, but requires many optocouplers.
Alternatively, creating the galvanic barrier at the RS-232 interfaces requires less
optocouplers but makes all devices except the PC hazardous.
Another alternative is to use an isolation transformer to create a floating front-end,
which can then be bolted to the same ground as the rest of the electronics.
The meter AVR is programmed via the In-System Programming (ISP) interface, which
means the device does not need to be removed for programming. The ISP connector
(J1, see schematic) is connected to a programmer (STK500, ATAVRISP, or similar)
or a debugger (ATJTAGICEmkII, or similar). Software such as AVR Studio can then
be used for programming FLASH and EEPROM of the target AVR.
The meter constantly sends measurement data via the asynchronous interface. To
read measurement data (also during calibration), the asynchronous interface must be
connected. The asynchronous connector (J2, see schematic) is wired to a
microcontroller directly or to a computer via a RS-232 buffer. The asynchronous
interface cannot be wired to a RS-232 port directly, since it is not buffered.
A RS-232 buffer is readily found on the STK500. Connect the asynchronous interface
of the meter to STK500 pins labeled RS232 SPARE. Then connect the STK500 D-
connector labeled RS232 SPARE to the serial port of the computer. Use a terminal
software of choice to read data from the serial port.
A general illustration on how to connect the meter for programming, calibration and
metering is shown in Figure 13. Also shown in the figure is a recommended optical
isolation board.
Hardware Set-Up
Warning: Galvanic Isolation
Programming
Calibration & Metering



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com