Electronic Components Datasheet Search
  English  ▼

X  

AVR465 Datasheet(PDF) 23 Page - ATMEL Corporation

Part # AVR465
Description  Single-Phase Power/Energy Meter with Tamper Detection
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AVR465 Datasheet(HTML) 23 Page - ATMEL Corporation

Back Button AVR465 Datasheet HTML 19Page - ATMEL Corporation AVR465 Datasheet HTML 20Page - ATMEL Corporation AVR465 Datasheet HTML 21Page - ATMEL Corporation AVR465 Datasheet HTML 22Page - ATMEL Corporation AVR465 Datasheet HTML 23Page - ATMEL Corporation AVR465 Datasheet HTML 24Page - ATMEL Corporation AVR465 Datasheet HTML 25Page - ATMEL Corporation AVR465 Datasheet HTML 26Page - ATMEL Corporation AVR465 Datasheet HTML 27Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
AVR465
23
2566A-AVR-07/04
Figure 13.
Example Set-Up for Calibration and/or Metering.
To download the firmware into the meter first open the compiler workspace, compile
the project and use AVR Studio to send the compiled file to the target, as described
above. Alternatively, use AVR Studio to send the precompiled firmware directly to the
target.
Set up fuses to match hardware environment. The default is to use external crystal,
with full output swing and long start-up time. This means fuses CKSEL are set to
0111 and fuses SUT to 11. Fuses CKDIV8 and CKOUT should be unprogrammed.
Calibration Example
There are many methods for calibrating the meter. Here is presented one. This
method requires a programmable, high-voltage, high-current signal generator. Also
required is hardware for programming the AVR in the meter. An STK500 can be used,
but a debugger such as JTAGICE mkII is recommended, since it allows EEPROM to
be edited more easily.
Connect the signal generator to the meter front-end. Then connect the meter to a PC
using a RS-232 buffer circuit, such as the spare RS-232 interface on the STK500.
Start a terminal software on the PC and configure it to receive data from the meter.
Start by writing the following set of calibration coefficients to EEPROM. This will set
phase calibration to zero and gain to unity in all calculations.
Table 8.
Initialization of Calibration Coefficients.
ADDR.
+ 0x00
+ 0x01
+ 0x02
+ 0x03
+ 0x04
+ 0x05
+ 0x06
+ 0x07
0x00
0x00
0x00
0x00
0x00
0x00
0x00
0x00
0x01
0x08
0x00
0x01
0x00
0x01
0x00
0x01
0x00
0x01
0x10
0x00
0x01
0xFF
0xFF
0x27
0x10
0x00
0x64
0x18
0x00
0x00
0x00
0x00
0x43
0x57
0x00
0x00
If using a programmer, create a text file as shown below and load the contents of the
file into the EEPROM. The file content is of type Intel Hex.
Firmware Set-Up
Set-Up
Step 1 - Initialisation
465
RS232 SPARE
SIGNAL
GENE-
RATOR
HIGH VOLTAGE
&
HIGH CURRENT
STK500
RS232 CTRL
RS232 SPARE
ISP6PIN
J2
J1
COM1
COM2
PC
DC
DC
RxD
/RST
SCK
MOSI
VOUT
V0
VIN
GND
TxD
MISO
GALVANIC ISOLATION
"SAFE" SIDE
POWER SUPPLY
AVR Studio
Terminal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com