Electronic Components Datasheet Search
  English  ▼

X  

M61539FP Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # M61539FP
Description  6ch Electronic Volume with Tone Control
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M61539FP Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button M61539FP Datasheet HTML 7Page - Renesas Technology Corp M61539FP Datasheet HTML 8Page - Renesas Technology Corp M61539FP Datasheet HTML 9Page - Renesas Technology Corp M61539FP Datasheet HTML 10Page - Renesas Technology Corp M61539FP Datasheet HTML 11Page - Renesas Technology Corp M61539FP Datasheet HTML 12Page - Renesas Technology Corp M61539FP Datasheet HTML 13Page - Renesas Technology Corp M61539FP Datasheet HTML 14Page - Renesas Technology Corp M61539FP Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
M61539FP
Rev.1.0, Apr.16.2004, page 11 of 17
(3)-3 Volume (
−−−−80 to −−−−∞
∞
∞
∞dB)
D0X
D1X
D2X
D3X
D4X
D5X
D6X
ATT
Volume
D7X
D8X
D9X
DAX
DBX
DCX
DDX
−∞dB
1
0
1
0
0
0
1
−∞dB
1
0
1
0
0
1
0
−∞dB
1
0
1
0
0
1
1
−∞dB
1
0
1
1
1
1
0
−∞dB
1
0
1
1
1
1
1
−80dB
1
1
0
0
0
0
0
−81dB
1
1
0
0
0
0
1
−82dB
1
1
0
0
0
1
0
−83dB
1
1
0
0
0
1
1
−84dB
1
1
0
0
1
0
0
−85dB
1
1
0
0
1
0
1
−86dB
1
1
0
0
1
1
0
−87dB
1
1
0
0
1
1
1
−88dB
1
1
0
1
0
0
0
−89dB
1
1
0
1
0
0
1
−90dB
1
1
0
1
0
1
0
−91dB
1
1
0
1
0
1
1
−92dB
1
1
0
1
1
0
0
−93dB
1
1
0
1
1
0
1
−94dB
1
1
0
1
1
1
0
−95dB
1
1
0
1
1
1
1
−∞dB
1
1
1
0
0
0
0
−∞dB
1
1
1
0
0
0
1
−∞dB
1
1
1
1
1
1
0
−∞dB
1
1
1
1
1
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com