Electronic Components Datasheet Search
  English  ▼

X  

M61539FP Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # M61539FP
Description  6ch Electronic Volume with Tone Control
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M61539FP Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button M61539FP Datasheet HTML 10Page - Renesas Technology Corp M61539FP Datasheet HTML 11Page - Renesas Technology Corp M61539FP Datasheet HTML 12Page - Renesas Technology Corp M61539FP Datasheet HTML 13Page - Renesas Technology Corp M61539FP Datasheet HTML 14Page - Renesas Technology Corp M61539FP Datasheet HTML 15Page - Renesas Technology Corp M61539FP Datasheet HTML 16Page - Renesas Technology Corp M61539FP Datasheet HTML 17Page - Renesas Technology Corp M61539FP Datasheet HTML 18Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
M61539FP
Rev.1.0, Apr.16.2004, page 16 of 17
Application Example
(When using Tone control and Bypass)
To connect capacitor to DATA, CLOCK pin is the incorrect operation
prevention by the noise.
(Recommendation value :47 to 100pF)
For the same reason, LATCH pin connect resistor and capacitor.
(about 1k
Ω, 330pF)
30
29
28
27
26
25
24
23
22
21
3.3 µF
SWin
AVDD=7V
AVDD=5V
47µF
4700pF
AVDD=7V
0.001 µF
10µF
C
C
C
R
MCU
MCU I/F
DGND AGND
3.3 µF
3.3 µF
3.3 µF
3.3 µF
3.3 µF
3.3
µF
Cin
Rin
Lin
SLin
SRin
BYPASSRin
31
32
33
34
35
36
37
38
39
40
BYPASSLin
3.3
µF
8200pF
0.33
µF
0.015
µF
0.015
µF
0.33
µF
8200pF
3.3 µF
3.3 µF
4700pF
47µF
123456789
10
3.3 µF
3.3 µF
3.3 µF
3.3 µF
3.3 µF
3.3 µF
20
19
18
17
16
15
14
13
12
11
AVSS = -7V
Lout
Rout
Cout
SLout
SRout
SWout
tone
tone
volume
volume
volume
volume
volume
volume
Note:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com