Electronic Components Datasheet Search
  English  ▼

X  

M61539FP Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # M61539FP
Description  6ch Electronic Volume with Tone Control
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M61539FP Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button M61539FP Datasheet HTML 8Page - Renesas Technology Corp M61539FP Datasheet HTML 9Page - Renesas Technology Corp M61539FP Datasheet HTML 10Page - Renesas Technology Corp M61539FP Datasheet HTML 11Page - Renesas Technology Corp M61539FP Datasheet HTML 12Page - Renesas Technology Corp M61539FP Datasheet HTML 13Page - Renesas Technology Corp M61539FP Datasheet HTML 14Page - Renesas Technology Corp M61539FP Datasheet HTML 15Page - Renesas Technology Corp M61539FP Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
M61539FP
Rev.1.0, Apr.16.2004, page 12 of 17
Electrical Characteristics
(Ta = 25
°C, AVDD/AVSS/DVDD = 7/−7/5V, f = 1kHz unless otherwise noted.
Rg = 1k
Ω, RL = 10kΩ, TONE CONTROL•VOL are set to 0dB/FLAT.)
(1) Power supply characteristics
Limits
Parameter
Symbol
Min
typ
Max
Unit
Condition
Analog positive
circuit current
Aldd
22
35
mA
Current at pin29
No signal
Analog negative
circuit current
Alss
22
35
mA
Current at pin 14
No signal
Digital
circuit current
Dldd
0.5
2.0
mA
Current at pin 26
No signal
(2) Input / Output characteristics
Limits
Parameter
Symbol
Min
typ
Max
Unit
Condition
Input resistance
Ri
35
70
150
k
Ω
30, 32, 33, 35, 37, 39 pin
Maximum output voltage
VOM
3.0
4.2
Vrms
30, 32, 33, 35, 37, 39 pin INPUT
15 to 20pin OUTPUT
THD = 1%
Pass gain
Gv
−2.0
0
2.0
dB
Vi = 0.2Vrms, FLAT
30, 32, 33, 35, 37, 39 pin INPUT
15 to 20pin OUTPUT
Distortion
THD
0.002
0.09
%
BW = 400 to 30 kHz,
Vi = 0.2 Vrms, RL = 10 k
Ω
Vn (VOL)
1.5
6
µVrms
15 to 20pin, Rg = 0k
Ω,
IHF-A, VOL = 0dB
Output noise voltage
Vn (tone)
5
20
µVrms
15, 16pin
IHF-A, VOL = 0dB
Maximum attenuation
ATTmax
−100
−95
dB
15 to 20pin
IHF-A, VOL = –
∞dB
Volume gain
between channels
Dvol
−1.5
0
1.5
dB
Cross talk between
channels
CT
−80
−65
dB
Vo = 0.5Vrms, RL=10k
Ω, IHF-A
Rg = 1k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com