Electronic Components Datasheet Search
  English  ▼

X  

M61539FP Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # M61539FP
Description  6ch Electronic Volume with Tone Control
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M61539FP Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button M61539FP Datasheet HTML 10Page - Renesas Technology Corp M61539FP Datasheet HTML 11Page - Renesas Technology Corp M61539FP Datasheet HTML 12Page - Renesas Technology Corp M61539FP Datasheet HTML 13Page - Renesas Technology Corp M61539FP Datasheet HTML 14Page - Renesas Technology Corp M61539FP Datasheet HTML 15Page - Renesas Technology Corp M61539FP Datasheet HTML 16Page - Renesas Technology Corp M61539FP Datasheet HTML 17Page - Renesas Technology Corp M61539FP Datasheet HTML 18Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
M61539FP
Rev.1.0, Apr.16.2004, page 14 of 17
Test Circuit
30
29
28
27
26
25
24
23
22
21
3.3
µ
1K
(SW)
Vi30
AVDD
TYP +7V
22
µ
22
µ
DVDD
TYP +5V
20
19
18
17
16
15
14
13
12
11
3.3
µ
3.3
µ
3.3
µ
3.3
µ
3.3
µ
3.3
µ
10K
Vol20
Vol18
Vol17
Vol19
Vol15
Vol16
22
µ
AVSS
<TYP -7V>
<>
<>
3.3
µ
3.3
µ
123
4
5
6
789
10
8200p
0.33
0.015
µ
µ
0.33 µ
0.015
µ
8200p
3.3
µ
< R >
< L >
< R >
Bass
Treble
Bass
Treble
S
T
S
T
1K
3.3
µ
3.3
µ
3.3
µ
3.3
µ
3.3
µ
3.3
µ
1K
1K
1K
1K
1K
Vi1
1K
(BYPASSL)
31
32
33
34
35
36
37
38
39
40
Vi32
(SR)
Vi33
(SL)
Vi35
(C)
Vi37
(R)
Vi39
(L)
Vi40
(BYPASSR)
< SL >
< C>
< SR >
< SW >
+
-
+
-
+
-
+
-
+
-
+
-
+
-
+
-
+
-
+
-
+
-
< L >
10K
10K
10K
10K
10K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com