Electronic Components Datasheet Search
  English  ▼

X  

HCPL-0723 Datasheet(PDF) 5 Page - Agilent(Hewlett-Packard)

Part # HCPL-0723
Description  50 MBd 2 ns PWD High Speed CMOS Optocoupler
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-0723 Datasheet(HTML) 5 Page - Agilent(Hewlett-Packard)

  HCPL-0723 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL-0723 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-0723 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-0723 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-0723 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-0723 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-0723 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-0723 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-0723 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
Solder Reflow Temperature Profile
Regulatory Information
The HCPL-7723/0723 will be
approved by the following
organizations:
UL
Recognized under UL1577,
component recognition program,
File E55361.
CSA
Approved under CSA Component
Acceptance Notice #5, File
CA88324.
VDE
(HCPL-7723 option 060)
Approved according to VDE
0884/06.92, File 6591-23-4880-
1005.
TUV Rheinland
(HCPL-0723 Option 060)
Approved according to VDE
0884/06.92, Certificate
R9650938.
Insulation and Safety Related Specifications
Value
Parameter
Symbol
7723
0723
Units
Conditions
Minimum External Air Gap
L(I01)
7.1
4.9
mm
Measured from input terminals to output
(Clearance)
terminals, shortest distance through air.
Minimum External Tracking
L(I02)
7.4
4.8
mm
Measured from input terminals to output
(Creepage)
terminals, shortest distance path along body.
Minimum Internal Plastic Gap
0.08
0.08
mm
Insulation thickness between emitter and
(Internal Clearance)
detector; also known as distance through
insulation.
Tracking Resistance
CTI
≥ 175
≥ 175
Volts
DIN IEC 112/VDE 0303 Part 1
(Comparative Tracking Index)
Isolation Group
IIIa
IIIa
Material Group (DIN VDE 0110, 1/89, Table 1)
0
TIME (SECONDS)
200
100
50
150
100
200
250
300
0
30
SEC.
50 SEC.
30
SEC.
160°C
140°C
150°C
PEAK
TEMP.
245°C
PEAK
TEMP.
240°C
PEAK
TEMP.
230°C
SOLDERING
TIME
200°C
PREHEATING TIME
150°C, 90 + 30 SEC.
2.5°C ± 0.5°C/SEC.
3°C + 1°C/–0.5°C
TIGHT
TYPICAL
LOOSE
ROOM
TEMPERATURE
PREHEATING RATE 3°C + 1°C/–0.5°C/SEC.
REFLOW HEATING RATE 2.5°C ± 0.5°C/SEC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com