Electronic Components Datasheet Search
  English  ▼

X  

HCPL-0723 Datasheet(PDF) 9 Page - Agilent(Hewlett-Packard)

Part # HCPL-0723
Description  50 MBd 2 ns PWD High Speed CMOS Optocoupler
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-0723 Datasheet(HTML) 9 Page - Agilent(Hewlett-Packard)

Back Button HCPL-0723 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-0723 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-0723 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-0723 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-0723 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-0723 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-0723 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL-0723 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL-0723 Datasheet HTML 12Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
Package Characteristics
All Typical Specifications are at T A = 25
°C.
Parameter
Symbol Min.
Typ.
Max.
Units
Test Conditions
Input-Output Momentary
–7723
V ISO
2500
V rms
RH
≤ 50%, t = 1 min,
–0723
3750
TA = 25
°C
Input-Output Resistance [7]
R I-O
10 12
Ω
VI-O = 500 V dc
Input-Output Capacitance
C I-O
0.6
pF
f = 1 MHz
Input Capacitance [10]
C I
3.0
pF
Input IC Junction-to-Case
–7723
θjci
145
°C/W
Thermocouple located at
Thermal Resistance
center underside of package
Output IC Junction-to-Case
–7723
θjco
145
°C/W
–0723
135
Package Power Dissipation
PPD
150
mW
Notes:
1. Absolute Maximum ambient operating temperature means the device will not be damaged if operated under these conditions. It does not
guarantee functionality.
2. The LED is ON when VI is low and OFF when VI is high.
3. tPHL propagation delay is measured from the 50% level on the falling edge of the VI signal to the 50% level of the falling edge of the VO signal.
tPLH propagation delay is measured from the 50% level on the rising edge of the VI signal to the 50% level of the rising edge of the VO signal.
4. PWD is defined as |tPHL - tPLH|. %PWD (percent pulse width distortion) is equal to the PWD divided by pulse width.
5. tPSK is equal to the magnitude of the worst case difference in tPHL and/or tPLH that will be seen between units at any given temperature within
the recommended operating conditions.
6. CMH is the maximum common mode voltage slew rate that can be sustained while maintaining VO > 0.8 VDD2. CML is the maximum common
mode voltage slew rate that can be sustained while maintaining VO < 0.8 V. The common mode voltage slew rates apply to both rising and
falling common mode voltage edges.
7. Device considered a two-terminal device: pins 1, 2, 3, and 4 shorted together and pins 5, 6, 7, and 8 shorted together.
8. In accordance with UL1577, each HCPL-0723 is proof tested by applying an insulation test voltage
≥ 4500 Vrms for 1 second (leakage detection
current limit, II-O
≤ 5 µA). Each HCPL-7723 is proof tested by applying an insulation test voltage ≥ 3000 Vrms for 1 second (leakage detection
current limit. II-O
≤ 5 µA.)
9. The Input-Output Momentary Withstand Voltage is a dielectric voltage rating that should not be interpreted as an input-output continuous
voltage rating. For the continuous voltage rating refer to your equipment level safety specification or Agilent Application Note 1074 entitled
“Optocoupler Input-Output Endurance Voltage.”
10. CI is the capacitance measured at pin 2 (VI).
Withstand Voltage[7,8,9]
–0723
160
Thermal Resistance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com