Electronic Components Datasheet Search
  English  ▼

X  

HCPL-0723 Datasheet(PDF) 10 Page - Agilent(Hewlett-Packard)

Part # HCPL-0723
Description  50 MBd 2 ns PWD High Speed CMOS Optocoupler
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-0723 Datasheet(HTML) 10 Page - Agilent(Hewlett-Packard)

Back Button HCPL-0723 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-0723 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-0723 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-0723 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-0723 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-0723 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-0723 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL-0723 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL-0723 Datasheet HTML 12Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
Application Information
Bypassing and PC Board Layout
The HCPL-7723/0723
optocouplers are extremely easy
to use. No external interface
circuitry is required because the
HCPL-7723/0723 use high-speed
CMOS IC technology allowing
CMOS logic to be connected
directly to the inputs and outputs.
As shown in Figure 1, the only
external components required for
proper operation are two bypass
capacitors. Capacitor values
Figure 3. Timing diagram to illustrate propagation delay, tplh and tphl.
INPUT
tPLH
tPHL
OUTPUT
VI
VO
10%
90%
90%
10%
VOH
VOL
0 V
50%
5 V CMOS
2.5 V CMOS
Figure 1. Functional diagram.
should be between 0.01
µF and 0.1
µF. For each capacitor, the total
lead length between both ends of
the capacitor and the power-supply
pins should not exceed 20 mm.
Figure 2 illustrates the
recommended printed circuit
board layout for the HCPL-7723/
0723.
Propagation Delay, Pulse-Width
Distortion and Propagation Delay Skew
Propagation Delay is a figure of
merit which describes how quickly
a logic signal propagates through
Figure 2. Recommended printed circuit board layout.
a system as illustrated in Figure 3.
The propagation delay from low to
high (tPLH) is the amount of time
required for an input signal to
propagate to the output, causing
the output to change from low to
high. Similarly, the propagation
delay from high to low (tPHL) is
the amount of time required for
the input signal to propagate to
the output, causing the output to
change from high to low.
7
5
6
8
2
3
4
1
GND2
C1
C2
NC
VDD2
NC
VO
VDD1
VI
C1, C2 = 0.01 µF TO 0.1 µF
GND1
VDD2
C1
C2
VO
GND2
VDD1
VI
GND1
C1, C2 = 0.01 µF TO 0.1 µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com